Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4401MU1TCG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NLSX4401MU1TCG
Description  Dual-Supply Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4401MU1TCG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NLSX4401MU1TCG Datasheet HTML 3Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 4Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 5Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 6Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 7Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 8Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 9Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 10Page - ON Semiconductor NLSX4401MU1TCG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NLSX4401
http://onsemi.com
7
TIMING CHARACTERISTICS − RAIL−TO−RAIL DRIVING CONFIGURATIONS (continued)
(I/O test circuit of Figures 3 and 4, CLOAD = 15 pF, driver output impedance ≤ 50 W, RLOAD = 1 MW)
Symbol
Unit
−40
5C to +855C
(Notes 3 & 4)
Test Conditions
Parameter
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
VL = 5.5 V, VCC = 1.5 V
tRVL
I/O VL Rise Time
8
10
ns
tFVL
I/O VL Fall Time
20
27
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
5
8
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
14
24
ns
tEN
Enable Time
ns
tDIS
Disable Time
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
20
Mbps
VL = 5.5 V, VCC = 5.5 V
tRVCC
I/O VCC Rise Time
5
7
ns
tFVCC
I/O VCC Fall Time
6
8
ns
tRVL
I/O VL Rise Time
5
7
ns
tFVL
I/O VL Fall Time
4
7
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
4
6
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
4
6
ns
tEN
Enable Time
30
ns
tDIS
Disable Time
225
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
24
Mbps
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Typical values are for the specified VL and VCC at TA = +25°C. All units are production tested at TA = +25°C.
4. Limits over the operating temperature range are guaranteed by design.
5. Skew is the variation of propagation delay between output signals and applies only to output signals on the same port (I/O_VLn or I/O_VCCn)
and switching with the same polarity (LOW−to−HIGH or HIGH−to−LOW). Skew is defined by applying a single input to the two input channels
and measuring the difference in propagation delays between the output channels.
TIMING CHARACTERISTICS − OPEN DRAIN DRIVING CONFIGURATIONS
(I/O test circuit of Figures 5 and 6, CLOAD = 15 pF, driver output impedance ≤ 50 W, RLOAD = 1 MW)
Symbol
Parameter
Test Conditions
−40
5C to +855C
(Notes 6 & 7)
Unit
Min
Typ
Max
VL = 1.5 V, VCC = 1.5 V
tRVCC
I/O VCC Rise Time
55
70
ns
tFVCC
I/O VCC Fall Time
7
14
ns
tRVL
I/O VL Rise Time
50
65
ns
tFVL
I/O VL Fall Time
7
12
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
6. Typical values are for the specified VL and VCC at TA = +25°C. All units are production tested at TA = +25°C.
7. Limits over the operating temperature range are guaranteed by design.
8. Skew is the variation of propagation delay between output signals and applies only to output signals on the same port (I/O_VLn or I/O_VCCn)
and switching with the same polarity (LOW−to−HIGH or HIGH−to−LOW). Skew is defined by applying a single input to the two input channels
and measuring the difference in propagation delays between the output channels.


Similar Part No. - NLSX4401MU1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4401MU1TCG ONSEMI-NLSX4401MU1TCG Datasheet
109Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
May, 2018 ??Rev. 3
More results

Similar Description - NLSX4401MU1TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3012 ONSEMI-NLSX3012_11 Datasheet
176Kb / 12P
   Dual-Supply Level Translator
September, 2011 ??Rev. 2
NLSV1T240 ONSEMI-NLSV1T240 Datasheet
90Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
March, 2008 - Rev. 3
NLSV2T240 ONSEMI-NLSV2T240_12 Datasheet
119Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV4T240E ONSEMI-NLSV4T240E Datasheet
161Kb / 10P
   4-Bit Dual-Supply Inverting Level Translator
November, 2011 ??Rev. 4
NLSV8T240 ONSEMI-NLSV8T240_12 Datasheet
120Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 1
NLSV2T240 ONSEMI-NLSV2T240 Datasheet
98Kb / 6P
   2-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
NLSV8T240 ONSEMI-NLSV8T240 Datasheet
118Kb / 6P
   8-Bit Dual-Supply Inverting Level Translator
July, 2008 ??Rev. 0
NLSV1T240 ONSEMI-NLSV1T240_12 Datasheet
119Kb / 6P
   1-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 4
NLSV4T240 ONSEMI-NLSV4T240_12 Datasheet
125Kb / 6P
   4-Bit Dual-Supply Inverting Level Translator
February, 2012 ??Rev. 2
NLSV4T240 ONSEMI-NLSV4T240 Datasheet
103Kb / 6P
   4-Bit Dual-Supply Inverting Level Translator
July, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com