Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIS5452 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NIS5452
Description  Volt Electronic Fuse
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NIS5452 Datasheet(HTML) 1 Page - ON Semiconductor

  NIS5452 Datasheet HTML 1Page - ON Semiconductor NIS5452 Datasheet HTML 2Page - ON Semiconductor NIS5452 Datasheet HTML 3Page - ON Semiconductor NIS5452 Datasheet HTML 4Page - ON Semiconductor NIS5452 Datasheet HTML 5Page - ON Semiconductor NIS5452 Datasheet HTML 6Page - ON Semiconductor NIS5452 Datasheet HTML 7Page - ON Semiconductor NIS5452 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
June, 2015 − Rev. 0
1
Publication Order Number:
NIS5452/D
NIS5452 Series
+5 Volt Electronic Fuse
The NIS5452 series is a cost effective, resettable fuse which can
greatly enhance the reliability of a hard drive or other circuit from both
catastrophic and shutdown failures.
It is designed to buffer the load device from excessive input voltage
which can damage sensitive circuits. It also includes an overvoltage
clamp circuit that limits the output voltage during transients but does
not shut the unit down, thereby allowing the load circuit to continue
operation. Two thermal options are available, latching and auto−retry.
Features
Integrated Power Device
Power Device Thermally Protected
No External Current Shunt Required
40 mW Typical
Internal Charge Pump
Internal Undervoltage Lockout Circuit
Internal Overvoltage Clamp
ESD Ratings: Human Body Model (HBM); 2000 V
Machine Model (MM); 200 V
These are Pb−Free Devices and are RoHS Compliant
Typical Applications
Mother Board
Hard Drives
Fan Drives
ORDERING INFORMATION
Device
Features
Marking
Package
Shipping
NIS5452MT1TXG
Thermal Latching
Vclamp = 5.85 V, ILIM = 2.1 A @ 18 W
52
WDFN10
(Pb−Free)
3000 / Tape & Reel
NIS5452MT2TXG
Thermal Auto−Retry
Vclamp = 5.85 V, ILIM = 2.1 A @ 18 W
52H
WDFN10
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
www.onsemi.com
MARKING DIAGRAM
WDFN10
CASE 522AA
XXX
AYW
G
G
1
XXX = Specific Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
4.5 AMP, 5 VOLT
ELECTRONIC FUSE
Pin
Function
1−5
SOURCE
6NC
7
ILIMIT
8
Enable/Fault
9
dv/dt
10
GND
11 (flag) VCC


Similar Part No. - NIS5452

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5452MT1TWG ONSEMI-NIS5452MT1TWG Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5452MT1TXG ONSEMI-NIS5452MT1TXG Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
More results

Similar Description - NIS5452

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NIS5232 ONSEMI-NIS5232 Datasheet
271Kb / 11P
   Volt Electronic Fuse
July, 2014 ??Rev. 2
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
   5 Volt Electronic Fuse
June, 2016 ??Rev. 3
NIS5132MN3TXG ONSEMI-NIS5132MN3TXG Datasheet
264Kb / 11P
   12 Volt Electronic Fuse
February, 2012 ??Rev. 9
NIS5132 ONSEMI-NIS5132_14 Datasheet
272Kb / 11P
   12 Volt Electronic Fuse
July, 2014 ??Rev. 10
NIS5431MT1TXG ONSEMI-NIS5431MT1TXG Datasheet
80Kb / 7P
   3.3 Volt Electronic Fuse
November, 2015 ??Rev. 1
NIS5020 ONSEMI-NIS5020 Datasheet
651Kb / 14P
   12 Volt Electronic Fuse
July, 2019 ??Rev. 3
NIS5431 ONSEMI-NIS5431 Datasheet
81Kb / 8P
   3.3 Volt Electronic Fuse
July, 2016 ??Rev. 5
NIS5132 ONSEMI-NIS5132 Datasheet
297Kb / 12P
   12 Volt Electronic Fuse
September, 2009 ??Rev. 3
NIS5420 ONSEMI-NIS5420 Datasheet
285Kb / 12P
   12 Volt Electronic Fuse
May, 2020 ??Rev. P2
NIS5135 ONSEMI-NIS5135 Datasheet
318Kb / 12P
   5 Volt Electronic Fuse
September, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com