Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51198 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP51198
Description  DDR Memory Termination Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51198 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP51198 Datasheet HTML 1Page - ON Semiconductor NCP51198 Datasheet HTML 2Page - ON Semiconductor NCP51198 Datasheet HTML 3Page - ON Semiconductor NCP51198 Datasheet HTML 4Page - ON Semiconductor NCP51198 Datasheet HTML 5Page - ON Semiconductor NCP51198 Datasheet HTML 6Page - ON Semiconductor NCP51198 Datasheet HTML 7Page - ON Semiconductor NCP51198 Datasheet HTML 8Page - ON Semiconductor NCP51198 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCP51198, NCV51198
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TJ ≤ 125°C; VCC = PVCC = VDDQ = 2.5 V; unless otherwise noted. Typical values are at TJ = +25°C
Parameter
Unit
Max
Typ
Min
Symbol
Condition
VTT Output Voltage
(DDR−II)
IOUT = 0 A
PVCC = VDDQ = 1.7 V
PVCC = VDDQ = 1.8 V
PVCC = VDDQ = 1.9 V
VTT
(DDR−II)
0.816
0.866
0.916
0.850
0.900
0.950
0.881
0.931
0.981
V
IOUT = +0.5 A
PVCC = VDDQ = 1.7 V
PVCC = VDDQ = 1.8 V
PVCC = VDDQ = 1.9 V
VTT
(DDR−II)
0.815
0.863
0.914
0.851
0.900
0.950
0.885
0.933
0.984
IOUT = −0.5 A
PVCC = VDDQ = 1.7 V
PVCC = VDDQ = 1.8 V
PVCC = VDDQ = 1.9 V
VTT
(DDR−II)
0.814
0.862
0.913
0.850
0.900
0.950
0.884
0.932
0.983
VTT Output Voltage
(DDR−III)
IOUT = 0 A
PVCC = VDDQ = 1.35 V
PVCC = VDDQ = 1.5 V
PVCC = VDDQ = 1.6 V
VTT
(DDR−III)
0.650
0.725
0.775
0.675
0.750
0.800
0.700
0.775
0.825
V
IOUT = +0.2 A,
PVCC = VDDQ = 1.35 V
IOUT = −0.2 A,
PVCC = VDDQ = 1.35 V
VTT
(DDR−III)
0.649
0.640
0.675
0.675
0.700
0.700
IOUT = +0.4 A,
PVCC = VDDQ = 1.5 V
IOUT = −0.4 A,
PVCC = VDDQ = 1.5 V
VTT
(DDR−III)
0.722
0.725
0.751
0.750
0.776
0.774
IOUT = +0.5 A,
PVCC = VDDQ = 1.6 V
IOUT = −0.5 A,
PVCC = VDDQ = 1.6 V
VTT
(DDR−III)
0.773
0.775
0.801
0.800
0.827
0.824
VTT Output Offset Voltage
IOUT = ±1.5 A,
PVCC = VDDQ = 2.5 V
VOS
(DDR−I)
−30
0
+30
mV
IOUT = ±0.5A,
PVCC = VDDQ = 1.8V
VOS
(DDR−II)
−30
0
+30
IOUT = ±0.5A,
PVCC = VDDQ = 1.5V
VOS
(DDR−III)
−30
0
+30
Quiescent Current
IOUT = 0 A
IQ
380
500
mA
VDDQ Input Impedance
ZVDDQ
100
k
W
/SS Leakage Current
/SS = 0 V
IL_SS
2
5
mA
Quiescent Current in Suspend Shutdown
/SS = 0 V
IQ_SS
115
150
mA
Suspend Shutdown Threshold
VIH
1.9
V
VIL
0.8
VTT leakage Current in Suspend Shutdown
/SS = 0 V, VTT = 1.25 V
IL_VTT
1
10
mA
VTTS Current
ITTS
13
nA
Thermal Shutdown Temperature
TSD
165
°C
Thermal Shutdown Hysteresis
TSH
10
°C


Similar Part No. - NCP51198

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190MNTAG ONSEMI-NCP51190MNTAG Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
NCP51190MNTAG ONSEMI-NCP51190MNTAG Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
More results

Similar Description - NCP51198

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
   1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
   1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
   1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
logo
Monolithic Power System...
MP20073 MPS-MP20073 Datasheet
437Kb / 11P
   2A, 1.3V.6.0V DDR Memory Termination Regulator
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com