Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP333FCT2G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP333FCT2G
Description  Ultra-Small Controlled Load Switch Auto-Discharge Path
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP333FCT2G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP333FCT2G Datasheet HTML 1Page - ON Semiconductor NCP333FCT2G Datasheet HTML 2Page - ON Semiconductor NCP333FCT2G Datasheet HTML 3Page - ON Semiconductor NCP333FCT2G Datasheet HTML 4Page - ON Semiconductor NCP333FCT2G Datasheet HTML 5Page - ON Semiconductor NCP333FCT2G Datasheet HTML 6Page - ON Semiconductor NCP333FCT2G Datasheet HTML 7Page - ON Semiconductor NCP333FCT2G Datasheet HTML 8Page - ON Semiconductor NCP333FCT2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP333
http://onsemi.com
2
B+
EN
NCP63xy/WDFN8
PVIN
8
AVIN
7
SW
2
FB
4
PGND
1
AGND
3
6
EN
5
VOUT
1
2
EN
NCP333
IN
A2
GND
U5
EN
B2
OUT
A1
Figure 1. Typical Application Circuit
MODE/PG
B1
Table 1. PIN FUNCTION DESCRIPTION
Pin Name
Pin Number
Type
Description
IN
A2
POWER
Load−switch input voltage; connect a 0.1
mF or greater ceramic capacitor from IN to
GND as close as possible to the IC.
GND
B1
POWER
Ground connection.
EN
B2
INPUT
Enable input, logic high turns on power switch.
OUT
A1
OUTPUT
Load−switch output; connect a 0.1
mF ceramic capacitor from OUT to GND as close as
possible to the IC is recommended.
Figure 2. Block Diagram
EN block
Control
logic
Gate driver and soft
start control
IN: pin A2
EN: pin B2
OUT: pin A1
GND: pin B1


Similar Part No. - NCP333FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3334 ONSEMI-NCP3334 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP3334A ONSEMI-NCP3334A Datasheet
161Kb / 8P
   Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
NCP3334AMTADJTBG ONSEMI-NCP3334AMTADJTBG Datasheet
161Kb / 8P
   Ultra High Accuracy Low Dropout Regulator
September, 2015 ??Rev. 1
NCP3334DADJG ONSEMI-NCP3334DADJG Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
NCP3334DADJR2G ONSEMI-NCP3334DADJR2G Datasheet
81Kb / 7P
   High Accuracy, Ultra Low Iq, 500 mA Adjustable Low Dropout Regulator
April, 2006 ??Rev. 2
More results

Similar Description - NCP333FCT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP334 ONSEMI-NCP334 Datasheet
271Kb / 10P
   2A Ultra-Small Controlled Load Switch with Auto-Discharge Path
August, 2012 ??Rev. 1
NCP432 ONSEMI-NCP432 Datasheet
122Kb / 7P
   1.5A Ultra-Small Controlled Load Switch with Auto-Discharge Path
December, 2013 ??Rev. 1
NCP331 ONSEMI-NCP331 Datasheet
119Kb / 8P
   Soft-Start Controlled Load Switch with Auto Discharge
November, 2013 ??Rev. 1
NCP338 ONSEMI-NCP338 Datasheet
181Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2013 ??Rev. 2
NCP436 ONSEMI-NCP436 Datasheet
100Kb / 7P
   3A Ultra-Small Controlled Load Switch
April, 2014 ??Rev. 1
NCP338 ONSEMI-NCP338_16 Datasheet
145Kb / 8P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 3
NCP334 ONSEMI-NCP334_16 Datasheet
224Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 2
NCP435 ONSEMI-NCP435 Datasheet
649Kb / 10P
   2A Ultra-Small Controlled Load Switch
August, 2016 ??Rev. 5
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
NCP336 ONSEMI-NCP336 Datasheet
396Kb / 9P
   3 A Ultra-Small Controlled Load Switch
September, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com