Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1596 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP1596
Description  1.5 MHz Current Mode PWM Buck Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1596 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP1596 Datasheet HTML 4Page - ON Semiconductor NCP1596 Datasheet HTML 5Page - ON Semiconductor NCP1596 Datasheet HTML 6Page - ON Semiconductor NCP1596 Datasheet HTML 7Page - ON Semiconductor NCP1596 Datasheet HTML 8Page - ON Semiconductor NCP1596 Datasheet HTML 9Page - ON Semiconductor NCP1596 Datasheet HTML 10Page - ON Semiconductor NCP1596 Datasheet HTML 11Page - ON Semiconductor NCP1596 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP1596, NCP1596A
http://onsemi.com
11
APPLICATION INFORMATION
Output Voltage Selection
The output voltage is programmed through an external
resistor divider connect from VOUT to FB then to GND.
For internal compensation and noise immunity, the
resistor from FB to GND should be in 10 k to 20 k ranges.
The relationship between the output voltage and feedback
resistor is given by:
VOUT + VFB
1 )
R1
R2
(eq. 1)
VOUT: Output voltage
VFB: Feedback Voltage
R1: Feedback resistor from VOUT to FB.
R2: Feedback resistor from FB to GND.
Input Capacitor Selection
In the PWM buck converter, the input current is pulsating
current with switching noise. Therefore, a bypass input
capacitor must choose for reduce the peak current drawn
from the power supply. For NCP1596, low ESR ceramic
capacitor of 10
mF should be used for most of cases. Also,
the input capacitor should be placed as close as possible to
the VCCA pin for effective bypass the supply noise.
Inductor Selection
The inductor parameters are including three items, which
are DC resistance, inductor value and saturation current.
Inductor DC resistance will effect the convector overall
efficiency, low DC resistor value can provide a higher
efficiency. Thus, inductor value are depend on the inductor
ripple current, input voltage, output voltage, output current
and operation frequency, the inductor value is given by:
DIL +
VOUT
L
FSW
1 *
VOUT
VIN
(eq. 2)
DIL : peak to peak inductor ripple current
L: inductor value
FSW: switching frequency
After selected a suitable value of the inductor, it should be
check out the inductor saturation current. The saturation
current of the inductor should be higher than the maximum
load plus the ripple current.
DIL(MAX) + DIOUT(MAX) )
DIL
2
(eq. 3)
DIL(MAX)
: Maximum inductor current
DIOUT(MAX)
: Maximum output current
Output Capacitor Selection
Output capacitor value is based on the target output ripple
voltage. For NCP1596, the output capacitor is required a
ceramic capacitors with low ESR value. Assume buck
converter duty cycle is 50%. The output ripple voltage in
PWM mode is given by:
DVOUT [ DIL
1
4
FSW
COUT
) ESR (eq. 4)
In general, value of ceramic capacitor using 20
mF should
be a good choice.
ORDERING INFORMATION
Device
Package
Shipping
NCP1596MNTWG
DFN−6
(Pb−Free)
3000 / Tape & Reel
NCP1596AMNTWG
DFN−6
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NCP1596

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596A ONSEMI-NCP1596A Datasheet
218Kb / 12P
   1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
June, 2009 ??Rev. 0
NCP1596AMNTWG ONSEMI-NCP1596AMNTWG Datasheet
218Kb / 12P
   1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
June, 2009 ??Rev. 0
More results

Similar Description - NCP1596

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1596A ONSEMI-NCP1596A Datasheet
218Kb / 12P
   1.5 A, 1.5 MHz Current Mode PWM Buck Down Converter
June, 2009 ??Rev. 0
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
   Current-Mode PWM Step-Down DC-DC Converter
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
   1.5 MHz, 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
logo
ON Semiconductor
NCP1501 ONSEMI-NCP1501 Datasheet
161Kb / 14P
   Dual Mode PWM/Linear Buck Converter
March, 2004 ??Rev. 7
NCP1500 ONSEMI-NCP1500 Datasheet
87Kb / 12P
   Dual Mode PWM/Linear BUCK Converter
February, 2004 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP3100 FOSLINK-FSP3100 Datasheet
428Kb / 11P
   1.5 MHZ, 600MA SYNCHRONOUS STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT6150A RICHTEK-RT6150A Datasheet
188Kb / 13P
   Current Mode Buck-Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com