Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66056-101 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66056-101
Description  SINGLE/DUAL CHANNEL, HERMETICALLY SEALED, VERY HIGH SPEED OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66056-101 Datasheet(HTML) 1 Page - Micropac Industries

  66056-101 Datasheet HTML 1Page - Micropac Industries 66056-101 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St.., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 34
66056
SINGLE/DUAL CHANNEL, HERMETICALLY SEALED,
VERY HIGH SPEED OPTOCOUPLER
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Rev 1 7/3/01
Features:
DSCC Approved 8102802PX (Dual); and
single channel version optocoupler
10 MHz bandwidth typical
1500 Vdc isolation test voltage
TTL compatible input and output
High radiation immunity
Faraday shield to provide high common mode
rejection
Applications:
Military and space
Voltage level shifting
Isolated receiver input
Communication systems
Medical systems
DESCRIPTION
The 66056 single and dual channel optocouplers consist of LED’s optically coupled to two high speed, high gain inverting
detector gates. Maximum isolation can be achieved while providing TTL outputs capable of switching with propagation delays
of 55ns typical. The 66056 is available in military temperature range and military temperature with 100% device screening.
The devices are built in eight-pin dual-in-line, hermetically sealed packages and provide high input to output DC isolation.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature ............................................................................................................................................ -65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................... -55°C to +125°C
Lead Solder Temperature ..........................................................................................260°C for 10s (1.6mm below seating plane)
Peak Forward Input Current (each channel) .................................................................................................40mA (1ms duration)
Average Forward Input Current (each channel)…(see Note 1) ............................................................................................ 20mA
Input Power Dissipation (each channel) ............................................................................................................................... 35mW
Reverse Input Voltage (each channel) ........................................................................................................................................5V
Supply voltage - VCC .................................................................................................................................. 7V(1 minute maximum)
Output Current - IO (each channel) ........................................................................................................................................ 25mA
Output Power Dissipation (each channel) ............................................................................................................................ 40mW
Output Voltage - VO (each channel) ............................................................................................................................................7V
Total Power Dissipation (per channels) .............................................................................................................................. 175mW
NOTES:
1. Derate IF at 0.05mA/°C above 25°C.
Package Dimensions
Schematic Diagrams
A L L D IM E N S IO N S A R E IN IN C H E S [M IL L IM E T E R S ]
NO T E :
S ID E VIEW
R EAR VIEW
24
3
1
YY W W
XX XX
US A
E ND V IE W
6
8
75
0.17 0 [4 .3 2]M A X
PIN O N E
TY P E N U M B E R
0.37 0 [9 .0 4 0 ]
0.39 0 [9 .90]
0.32 0 [8 .1 3]M A X
DA T E CO DE
0.28 0 [7 .1 1]
0.31 0 [7 .8 8]
PIN O N E
0 .0 2 0 [0 .5 1 ] M IN
0.00 7 [0 .18]
0.01 3 [0 .33]
0.09 0 [2 .2 8]
0.11 0 [2 .8 0]
.0 2 0 [0 .5 1 ] M A X
2
K
5
6
A
1
K
A
8
GND
5
Vo 2
6
7
Vo 1
Vc c
3
K
5
GND
2
A
6
Vo
8
Vc c
Sin g le C h a n n e l
Du a l Ch a n n e l
NO T E :
A .0 1 to .1 u F b y p a s s
ca p a cito r m u st b e p la c e d
be tw een V c c and G n d


Similar Part No. - 66056-101

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
66056 ETC2-66056 Datasheet
40Kb / 2P
   STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
More results

Similar Description - 66056-101

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66013 MICROPAC-66013 Datasheet
88Kb / 2P
   DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
66126 MICROPAC-66126 Datasheet
87Kb / 2P
   SINGLE/DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER, SIMILAR TO 4N55
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Micropac Industries
66088 MICROPAC-66088 Datasheet
86Kb / 2P
   SINGLE/DUAL, HIGH SPEED OPTOCOUPLER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com