Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65132 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS65132
Description  TPS65132 Single Inductor - Dual Output Power Supply
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65132 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65132_15 Datasheet HTML 1Page - Texas Instruments TPS65132_15 Datasheet HTML 2Page - Texas Instruments TPS65132_15 Datasheet HTML 3Page - Texas Instruments TPS65132_15 Datasheet HTML 4Page - Texas Instruments TPS65132_15 Datasheet HTML 5Page - Texas Instruments TPS65132_15 Datasheet HTML 6Page - Texas Instruments TPS65132_15 Datasheet HTML 7Page - Texas Instruments TPS65132_15 Datasheet HTML 8Page - Texas Instruments TPS65132_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
(bottom view)
TPS65132Ax / Bx / Lx
(bottom view)
TPS65132Sx
(top view)
TPS65132Ax / Bx / Lx
(top view)
TPS65132Sx
A
A
A
A
1
1
1
1
2
2
2
2
3
3
3
3
B
B
B
B
C
C
C
C
D
D
D
D
E
E
E
E
SCL
SCL
SCL
SCL
CFLY1
CFLY1
CFLY1
CFLY1
SDA
SDA
SDA
SDA
REG
REG
REG
REG
OUTP
OUTP
OUTP
OUTP
AGND
AGND
AGND
AGND
REG
REG
REG
REG
OUTN
OUTN
OUTN
OUTN
CFLY2
CFLY2
CFLY2
CFLY2
PGND
PGND
PGND
PGND
ENP
EN
ENP
EN
VIN
VIN
VIN
VIN
SW
SW
SW
SW
PGND
PGND
PGND
PGND
ENN
SYNC
ENN
SYNC
TPS65132
www.ti.com
SLVSBM1G – JUNE 2013 – REVISED AUGUST 2015
6 Pin Configuration and Functions
YFF Package
15 Bumps
Copyright © 2013–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS65132


Similar Part No. - TPS65132_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132 TI1-TPS65132_16 Datasheet
2Mb / 64P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
More results

Similar Description - TPS65132_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65132_016 TI1-TPS65132_016 Datasheet
2Mb / 65P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65132 TI1-TPS65132_16 Datasheet
2Mb / 64P
[Old version datasheet]   Single Inductor - Dual Output Power Supply
TPS65120 TI1-TPS65120_13 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
TPS65120 TI-TPS65120 Datasheet
706Kb / 23P
[Old version datasheet]   SINGLE-INDUCTOR QUADRUPLE-OUTPUT TFT LCD POWER SUPPLY
logo
Silicon Mitus, Inc.
SM5109 SILICONMITUS-SM5109 Datasheet
203Kb / 1P
   Low Iq Single-Inductor and Dual Output for LCD Panel Bias Power Supply
August 2018 - Rev. 0.0.0
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
logo
CUI INC
VD-120B CUI-VD-120B Datasheet
114Kb / 2P
   Dual Output Switching Power Supply
logo
Total Power Internation...
RSP-1500 TOTAL-POWER-RSP-1500 Datasheet
1Mb / 4P
   1500W SINGLE OUTPUT POWER SUPPLY
RSP-3000 TOTAL-POWER-RSP-3000 Datasheet
377Kb / 6P
   3000W Single Output Power Supply
SPV-1500 TOTAL-POWER-SPV-1500 Datasheet
338Kb / 4P
   1500W Single Output Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com