Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS63060 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS63060
Description  TPS6306x High Input Voltage, Buck-Boost Converter With 2-A Switch Current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS63060 Datasheet(HTML) 3 Page - Texas Instruments

  TPS63060_15 Datasheet HTML 1Page - Texas Instruments TPS63060_15 Datasheet HTML 2Page - Texas Instruments TPS63060_15 Datasheet HTML 3Page - Texas Instruments TPS63060_15 Datasheet HTML 4Page - Texas Instruments TPS63060_15 Datasheet HTML 5Page - Texas Instruments TPS63060_15 Datasheet HTML 6Page - Texas Instruments TPS63060_15 Datasheet HTML 7Page - Texas Instruments TPS63060_15 Datasheet HTML 8Page - Texas Instruments TPS63060_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
2
3
4
5
10
9
8
7
6
TPS63060
TPS63061
PGND
PG
PS/SYNC
EN
VIN
L1
VAUX
GND
FB
VOUT
L2
TPS63060, TPS63061
www.ti.com
SLVSA92B – DECEMBER 2011 – REVISED DECEMBER 2014
5 Device Comparison Table
OUTPUT VOLTAGE
ORDER NUMBER (1)(2)
PACKAGE MARKING
DC/DC
TPS63060DSC
QUJ
Adjustable
TPS63061DSC
QUK
5 V
(1)
For detailed ordering information please check the Package Option Addendum section at the end of
this data sheet.
(2)
Contact the factory to confirm availability of other fixed-output voltage versions.
6 Pin Configuration and Functions
DSC PACKAGE
10 PINS
(TOP VIEW)
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
EN
3
I
Enable input. (1 enabled, 0 disabled)
FB
8
I
Voltage feedback of adjustable versions, must be connected to VOUT on fixed output voltage versions
GND
7
Control and logic ground
L1
1
I
Connection for Inductor
L2
10
I
Connection for Inductor
PG
5
O
Output power good (1 good, 0 failure; open drain)
PS/SYNC
4
I
Enable / disable power save mode (1 disabled, 0 enabled, clock signal for synchronization)
VAUX
6
Connection for Capacitor
VIN
2
I
Supply voltage for power stage
VOUT
9
O
Buck-boost converter output
PowerPAD™
Power ground. Must be soldered to achieve appropriate power dissipation. Must be connected to PGND.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS63060 TPS63061


Similar Part No. - TPS63060_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060-EP TI1-TPS63060-EP Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSC TI1-TPS63060DSC Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060DSCR TI1-TPS63060DSCR Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
More results

Similar Description - TPS63060_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63060-EP TI-TPS63060-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060 TI1-TPS63060 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63060-EP TI1-TPS63060-EP_16 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH INPUT VOLTAGE BUCK-BOOST CONVERTER WITH 2A SWITCH CURRENT
TPS63070 TI1-TPS63070_19 Datasheet
2Mb / 42P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS63070 TI1-TPS63070 Datasheet
2Mb / 39P
[Old version datasheet]   2-V to 16-V Buck-Boost Converter With 3.6-A Switch Current
TPS63000-Q1 TI1-TPS63000-Q1 Datasheet
676Kb / 19P
[Old version datasheet]   HIGH-EFFICIENCY SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 1.8-A SWITCH
logo
Maxim Integrated Produc...
MAX77827 MAXIM-MAX77827 Datasheet
998Kb / 23P
   5.5V Input, 1.8A/3.1A Switch Buck-Boost Converter with 6關A IQ
2021
logo
Texas Instruments
TPS61090 TI-TPS61090_15 Datasheet
960Kb / 27P
[Old version datasheet]   TPS6109x Synchronous Boost Converter With 2-A Switch
TPS63010 TI-TPS63010 Datasheet
668Kb / 27P
[Old version datasheet]   HIGH EFFICIENT SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
logo
Analog Devices
MAX77847 AD-MAX77847 Datasheet
2Mb / 37P
   5.5V Input, 4.5A Switching Current High Efficiency Buck-Boost Converter
19-101705; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com