Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62748YFPT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62748YFPT
Description  TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62748YFPT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62748YFPT Datasheet HTML 7Page - Texas Instruments TPS62748YFPT Datasheet HTML 8Page - Texas Instruments TPS62748YFPT Datasheet HTML 9Page - Texas Instruments TPS62748YFPT Datasheet HTML 10Page - Texas Instruments TPS62748YFPT Datasheet HTML 11Page - Texas Instruments TPS62748YFPT Datasheet HTML 12Page - Texas Instruments TPS62748YFPT Datasheet HTML 13Page - Texas Instruments TPS62748YFPT Datasheet HTML 14Page - Texas Instruments TPS62748YFPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
VIN
EN
VSEL
SW
VOS
L 2.2 PH
CIN
4.7 PF
VIN
2.0V to 5.5V
Low Power
MCU & RF
TPS62748
CTRL
LOAD
COUT
10 PF
VOUT
GND
Sensor
TPS62748
www.ti.com
SLVSD37A – SEPTEMBER 2015 – REVISED OCTOBER 2015
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The TPS62748 is a high efficiency step down converter with ultra low quiescent current of typically 360 nA. The
device operates with a tiny 2.2-µH inductor and 10-µF output capacitor over the entire recommended operation
range. A dedicated measurement set-up is required for the light load efficiency measurement and device
quiescent current due to the operation in the sub microampere range. In this range any leakage current in the
measurement set-up will impact the measurement results.
10.2 Typical Application
Figure 6. TPS62748 Typical Application Circuit
10.2.1 Design Requirements
The TPS62748 is a highly integrated DC/DC converter. The output voltage is set via a VSEL pin interface. The
design guideline provides a component selection to operate the device within the recommended operating
conditions.
Table 2 shows the list of components for the Application Characteristic Curves
Table 2. Components for Application Characteristic Curves
Reference
Description
Value
Manufacturer
TPS62748
360nA Iq step down converter
Texas Instruments
CIN
Ceramic capacitor, GRM155R61C475ME15
4.7 µF
Murata
COUT
Ceramic capacitor, GRM155R60J106ME11
10 µF
Murata
L
Inductor DFE201610C
2.2 µH
Toko
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62748


Similar Part No. - TPS62748YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
More results

Similar Description - TPS62748YFPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62746 TI-TPS62746_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
   High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
   High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Taiwan Semiconductor Co...
TS1900 TSC-TS1900 Datasheet
235Kb / 5P
   Ultra Low Quiescent Current Smart Load Switch
logo
YOBON TECHNOLOGIES,INC.
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
   Ultra Low Quiescent Current Smart Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com