Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62750 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS62750
Description  High Efficiency Step-Down Converter for USB Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62750 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS62750_15 Datasheet HTML 5Page - Texas Instruments TPS62750_15 Datasheet HTML 6Page - Texas Instruments TPS62750_15 Datasheet HTML 7Page - Texas Instruments TPS62750_15 Datasheet HTML 8Page - Texas Instruments TPS62750_15 Datasheet HTML 9Page - Texas Instruments TPS62750_15 Datasheet HTML 10Page - Texas Instruments TPS62750_15 Datasheet HTML 11Page - Texas Instruments TPS62750_15 Datasheet HTML 12Page - Texas Instruments TPS62750_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
0
10
20
30
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
I
-OutputCurrent- A
O
V
=2.5V,
H/L Pin=Low
O
V =4V
I
V =4.5V
I
V =5V
I
V =5.5V
I
V =3.5V
I
0
10
20
30
40
50
60
70
80
90
100
2.9
3.4
3.9
4.4
4.9
5.4
5.9
V -InputVoltage-V
I
700mA
500mA
400mA
200mA
1 A
V
=3.6V,
H/L Pin=High
O
3.4
3.5
3.6
3.7
0.2
0.3
0.4
0.5
0.6
0.7
0.8
I
-OutputCurrent- A
O
V =4.5V
I
V =5V
I
V =5.5V
I
V
=3.6V,
H/L Pin=High
O
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
I
-OutputCurrent- A
O
0
0.1
0.2
0.3
0.4
0.5
0.6
V =4V
I
V =4.5V
I
V =5V
I
V =5.5V
I
V
=3.6V,
H/L Pin=High
O
TPS62750, TPS62751
www.ti.com ................................................................................................................................................. SLVS955A – JULY 2009 – REVISED SEPTEMBER 2009
Figure 5. Efficiency vs Output Current
Figure 6. Efficiency vs Input Voltage
Figure 7. Input Current vs Output Current
Figure 8. Output Voltage vs Output Current
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS62750, TPS62751


Similar Part No. - TPS62750_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62750DSK TI-TPS62750DSK Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKR TI-TPS62750DSKR Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKR TI1-TPS62750DSKR Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKT TI-TPS62750DSKT Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750DSKT TI1-TPS62750DSKT Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
More results

Similar Description - TPS62750_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS62250 TI-TPS62250 Datasheet
1Mb / 29P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250 TI1-TPS62250_13 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com