Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62746 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS62746
Description  TPS62746 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and VIN Switch
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62746 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62746_15 Datasheet HTML 1Page - Texas Instruments TPS62746_15 Datasheet HTML 2Page - Texas Instruments TPS62746_15 Datasheet HTML 3Page - Texas Instruments TPS62746_15 Datasheet HTML 4Page - Texas Instruments TPS62746_15 Datasheet HTML 5Page - Texas Instruments TPS62746_15 Datasheet HTML 6Page - Texas Instruments TPS62746_15 Datasheet HTML 7Page - Texas Instruments TPS62746_15 Datasheet HTML 8Page - Texas Instruments TPS62746_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
TPS62746
www.ti.com
SLVSD27A – JUNE 2015 – REVISED AUGUST 2015
8.4 Thermal Information
TPS62746
THERMAL METRIC(1)
YFP
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
103
°C/W
RθJCtop
Junction-to-case (top) thermal resistance
1.0
°C/W
RθJB
Junction-to-board thermal resistance
20
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
20
°C/W
RθJCbot
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
8.5 Electrical Characteristics
VIN = 3.6V, TA = –40°C to 85°C typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
EN = VIN, CTRL = GND, IOUT = 0µA, VOUT = 1.8V, device not switching
360
1800
Operating
IQ
nA
quiescent current
EN = VIN, IOUT = 0mA, CTRL = GND, VOUT = 1.8V , device switching
460
ISD
Shutdown current
EN = GND, shutdown current into VIN
70
1000
nA
VTH_ UVLO+
Rising VIN
2.075
2.15
Undervoltage
V
lockout threshold
VTH_UVLO-
Falling VIN
1.925
2
INPUTS (EN, CTRL, VSEL )
High level input
VIH TH
2.2V
≤ VIN ≤ 5.5V
1.1
V
threshold
Low level input
VIL TH
2.2V
≤ VIN ≤ 5.5V
0.4
V
threshold
IIN
Input bias Current
10
25
nA
POWER SWITCHES
High side
MOSFET on-
0.45
1.12
resistance
RDS(ON)
IOUT = 50mA
Low Side
MOSFET on-
0.22
0.65
resistance
High side
MOSFET switch
3.0V
≤ VIN ≤ 5.5V
480
600
720
mA
current limit
I
Low side MOSFET
600
mA
switch current limit
OUTPUT VOLTAGE DISCHARGE
MOSFET on-
RDSCH_VOS
EN = GND, IVOS = -10mA into VOS pin
30
65
resistance
Bias current into
IIN_VOS
EN = VIN, VOUT = 2V
40
1010
nA
VOS pin
INPUT VOLTAGE SWITCH (VINSW)
MOSFET on-
RRDSON
IVINSW = 1mA, CTRL = VIN, VIN = 2.1V
150
resistance
IINSW_LEAKAGE
VIN-switch leakage CTRL = GND, leakage fron VIN to VINSW when pulled to GND
25
nA
IINSW
VIN-switch current
5
36
mA
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62746


Similar Part No. - TPS62746_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740DSST TI1-TPS62740DSST Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
More results

Similar Description - TPS62746_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62748 TI-TPS62748_15 Datasheet
667Kb / 22P
[Old version datasheet]   TPS62748 300 mA High Efficiency Buck Converter with Ultra-low Quiescent Current and Load Switch
TPS62743 TI1-TPS62743_16 Datasheet
1Mb / 25P
[Old version datasheet]   300/400 mA High Efficiency Buck Converter with Ultra-low Quiescent Current
TLV627432 TI1-TLV627432 Datasheet
1Mb / 25P
[Old version datasheet]   TLV627432 High Efficiency Buck Converter with Ultra-low Quiescent Current
logo
Freescale Semiconductor...
MC34726 FREESCALE-MC34726 Datasheet
1Mb / 19P
   300 mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Dialog Semiconductor
DA9232 DIALOG-DA9232 Datasheet
1Mb / 50P
   High Efficiency, Ultra-Low Quiescent Current and Ultra-Low Output Ripple Buck Regulator
logo
Renesas Technology Corp
DA9232 RENESAS-DA9232 Datasheet
1Mb / 51P
   High Efficiency, Ultra-Low Quiescent Current and Ultra- Low Output Ripple Buck Regulator
28-Feb-2022
logo
Richtek Technology Corp...
RT4823 RICHTEK-RT4823 Datasheet
730Kb / 20P
   Wide Input and Ultra-Low Quiescent Current Boost Converter with High Efficiency
September 2022
logo
Analog Devices
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
   3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
Rev. B
logo
Texas Instruments
TPS62743 TI-TPS62743_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS62743 300mA High Efficient Buck Converter with Ultra-low Quiescent Current
logo
ON Semiconductor
NCV48920 ONSEMI-NCV48920 Datasheet
236Kb / 18P
   Charge Pump Buck/Boost Converter, LDO Regulator, 600 mA/300 mA, Very Low Quiescent Current
July, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com