Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62745 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS62745
Description  TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62745 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62745_15 Datasheet HTML 4Page - Texas Instruments TPS62745_15 Datasheet HTML 5Page - Texas Instruments TPS62745_15 Datasheet HTML 6Page - Texas Instruments TPS62745_15 Datasheet HTML 7Page - Texas Instruments TPS62745_15 Datasheet HTML 8Page - Texas Instruments TPS62745_15 Datasheet HTML 9Page - Texas Instruments TPS62745_15 Datasheet HTML 10Page - Texas Instruments TPS62745_15 Datasheet HTML 11Page - Texas Instruments TPS62745_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TPS62745, TPS627451
SLVSC68A – JUNE 2015 – REVISED JUNE 2015
www.ti.com
7.6 Timing Characteristics
VIN = 6 V, TJ = –40°C to 125°C typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
tdelay
UVLO delay time
response time of UVLO circuit
200
µs
INPUT VOLTAGE SWITCH (VIN_SW)
VIN-switch turn-on settling
Time from EN_VIN_SW = High until RDS(ON) is within
tVIN_SW
100
µs
time
specification
POWER GOOD OUTPUT (PG)
tdelay
PGOOD delay time
Response time of PGOOD circuit; falling edge
200
µs
OUTPUT
tONmin
Minimum ON time
VIN = 6 V, VOUT = 2.0 V, IOUT = 0 mA
256
ns
tOFFmin
Minimum OFF time
VIN = 3.3 V
50
ns
VIN = 6 V, from transition EN = Low to High until
tStart
Regulator start up time
15
50
ms
device starts switching, TJ = -40°C to 85°C
Softstart time with reduced
tSoftstart
3.3 V
≤ VIN ≤ 10 V, EN = VIN
700
µs
switch current limit
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS62745 TPS627451


Similar Part No. - TPS62745_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
More results

Similar Description - TPS62745_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS62740 TI1-TPS62740 Datasheet
3Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter for Low Power Applications
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730_1107 TI-TPS62730_1107 Datasheet
4Mb / 27P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_12 Datasheet
5Mb / 28P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
TPS62730 TI-TPS62730_15 Datasheet
5Mb / 27P
[Old version datasheet]   TPS6273x Step-Down Converter With Bypass Mode for Ultra Low-Power Wireless Applications
TPS62730 TI1-TPS62730 Datasheet
4Mb / 25P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless
MAY2011
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com