Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

66012-003 Datasheet(PDF) 1 Page - Micropac Industries

Part # 66012-003
Description  FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT CURRENT, 6N140 OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

66012-003 Datasheet(HTML) 1 Page - Micropac Industries

  66012-003 Datasheet HTML 1Page - Micropac Industries 66012-003 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 26
66012
FOUR CHANNEL, HERMETICALLY SEALED, LOW-INPUT
CURRENT, 6N140 OPTOCOUPLER
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
DSCC Approved 8302401EX
High current transfer ratio: 1000% typical
1500 Vdc isolation test voltage
Low input current requirement: 0.5mA
Applications:
Military and Space
High reliability systems
Voltage Level Shifting
Isolated Receiver Input
Communication systems
DESCRIPTION
The 66012 optocoupler contains four infrared LEDs optically coupled to four corresponding high gain photon detectors. This
unique quad optocoupler provides high CTR and low leakage currents over the full military temperature range (-55° to
+125°C). The 66012 is a 16 pin dual-in-line, hermetically sealed package and is available in standard and MIL-PRF-38534
screened versions or tested to customer specifications.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature........................................................................................................................................... -65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................. -55°C to +125°C
Lead Solder Temperature.........................................................................................260°C for 10s (1.6mm below seating plane)
Peak Forward Input Current (each channel) ............................................................................................... 20mA (1ms duration)
Average Forward Input Current ........................….(see Note 3) .......................................................................................... 10mA
Reverse Input Voltage ...............................................................................................................................................................5V
Output Current - IO (each channel) ...................................................................................................................................... 40mA
Output Power Dissipation (each channel) ..............(see Note 2)........................................................................................ 50mW
Supply Voltage - VCC ............................................... (see Note 1) ............................................................................... -0.5 to 20V
Output Voltage - VO (each channel).……..............(see Note 1)............................................................................... . -0.5 to 20V
Package Dimensions
Schematic Diagram
.290 [7.37]
.310 [7.87]
PIN 1
XXXX
Mii
6N140
.790 [20.06]
.820 [20.83]
0.170 [4.32
MAX]
0.150 [3.81]
.320 [8.13]
MAX
.020 [0.51]
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
DATE CODE
8
K
7
A
A
5
K
6
GND
10
V04
11
V03
12
4
K
A
3
A
2
K
1
14
V01
V02
13
VCC
15
0.20 [0.51]
MAX
.090 [2.29]
.110 [2.79]
.007 [0.18]
0.13 [0.33]
Notes:
1. Derate IF at 0.05 mA/°C above 25°C.
2. Collector output power plus one fourth of the total supply power is total output power. Derate at 0.46mW/°C above 25°C.
3. The lowest total IOH over temperature is developed by keeping VCC as low as possible, but greater that 2 volts. The
negative voltage at the detector side should be applied to Pin 10.


Similar Part No. - 66012-003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
66012102111404 WURTH-66012102111404 Datasheet
257Kb / 5P
   WR-MMCX MMCX PCB SMT Jack
001.000
66012202111305 WURTH-66012202111305 Datasheet
257Kb / 5P
   WR-MMCX MMCX PCB End Launch Jack
001.000
More results

Similar Description - 66012-003

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66058 MICROPAC-66058 Datasheet
90Kb / 2P
   SINGLE/DUAL CHANNEL, LOW-INPUT CURRENT,OPTOCOUPLER (Electrically similar to 6N140)
66024 MICROPAC-66024 Datasheet
94Kb / 3P
   4N55 DUAL CHANNEL, HERMETICALLY SEALED OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-1930 AVAGO-HCPL-1930_12 Datasheet
742Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Broadcom Corporation.
HCPL-1930 BOARDCOM-HCPL-1930 Datasheet
1Mb / 13P
   Dual-Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66186 MICROPAC-66186 Datasheet
79Kb / 2P
   TWO CHANNEL, HERMETICALLY SEALED OPTOCOUPLER PHOTOTRANSISTOR OUTPUT
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-193K AVAGO-HCPL-193K Datasheet
697Kb / 12P
   Dual Channel Line Receiver Hermetically Sealed Optocoupler
logo
Micropac Industries
66013 MICROPAC-66013 Datasheet
88Kb / 2P
   DUAL CHANNEL, HERMETICALLY SEALED, HIGH-SPEED 6N134 OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5120 AVAGO-HCPL-5120 Datasheet
161Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Hermetically Sealed Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com