Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

65017-001 Datasheet(PDF) 1 Page - Micropac Industries

Part # 65017-001
Description  HIGH RELIABILITY HALL EFFECT SENSOR LATCHING OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

65017-001 Datasheet(HTML) 1 Page - Micropac Industries

  65017-001 Datasheet HTML 1Page - Micropac Industries 65017-001 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272 - 3571 • Fax (972) 487 - 6918
www.micropac.com
E-MAIL: optosales@micropac.com
65017-001
HIGH RELIABILITY HALL EFFECT SENSOR
LATCHING OUTPUT
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Rev A 12/17/01
Features:
Wide operating temperature range -55 ºC to +150 ºC
High magnetic sensitivity
Low current CMOS Technology
Wide operating voltage range 3.5 to 15 V
Chopper stabilized amplifier minimizes amplifier
offset resulting in improved temperature stability
Applications:
Solid state switch
Motor controls
Speed sensing
Angular Position sensing
Linear Position Sensing
Current Sensing
DESCRIPTION
The 65017-001 Hall effect sensor detects the presence of a magnetic field and provides a switch output. It is
packaged in a hermetically sealed three pin ceramic package and can be used in many harsh environments. An
internal chopper stablized amplifier eliminates input offset voltages normally associated with bipolar devices
resulting in improved operating point stability. The output transistor will be “latched ON” in the presence of a
sufficiently strong South pole magnetic field facing the marked side of the package. The output will be “latched
OFF” in the presence of a resetting North pole magnetic field.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature.......................................................................................................................................... .-65°C to +150°C
Operating Free-Air Temperature Range ............................................................................................................. -55°C to +150°C
Lead temperature 1.6 mm (1/16 inch) from case for 10 seconds.……......................…. ..................................................+260°C
Supply Voltage Range ............................................................................................................................................ 3.5 V to 15.0 V
Supply Current (Fault) .......................................................... ............................................................................................. 50 mA.
Power Dissipation, @ TA = 25°C (PD)…….…………………………..………………………..…………………… ...........…500 mW
MagneticFlux Density………. ................. …………………………………………..………………………………..Unlimited Output
ON Current (ISINK) .......... ………………………………………………………………………………………………………...…25mA
Package Dimensions
Schematic Diagram
3
12
REG.
HALL
CELL
1 Vcc
3 Output
2 Gnd


Similar Part No. - 65017-001

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6501 FAIRCHILD-6501 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
3M Electronics
6501 3M-6501 Datasheet
1Mb / 8P
   3M??Reusable Respirators
6501 3M-6501 Datasheet
58Kb / 3P
   3M™ Rugged Comfort Half Facepiece Reusable Respirator 6501/49487, Small, 10 EA/Case
logo
PANDUIT CORP.
650100-000 PANDUIT-650100-000 Datasheet
107Kb / 2P
   STUB SPLICE SEALING SYSTEM MULTI-WIRE
650101-000 PANDUIT-650101-000 Datasheet
107Kb / 2P
   STUB SPLICE SEALING SYSTEM MULTI-WIRE
More results

Similar Description - 65017-001

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OMH360B OPTEK-OMH360B Datasheet
496Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3019B OPTEK-OMH3019B Datasheet
122Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3040B OPTEK-OMH3040B Datasheet
488Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH090B OPTEK-OMH090B Datasheet
101Kb / 2P
   high Reliability Hallogic Hall Effect Sensor
OMH3020B OPTEK-OMH3020B Datasheet
120Kb / 2P
   High Reliability Hallogic Hall Effect Sensor
OMH3075B OPTEK-OMH3075B Datasheet
1Mb / 2P
   High Reliability Hallogic Hall Effect Sensor
logo
Honeywell Solid State E...
SS361CT HONEYWELL-SS361CT Datasheet
388Kb / 4P
   High Sensitivity Bipolar Latching,Hall-Effect Digital Sensor ICs
logo
Nanjing Ouzhuo Technolo...
OH1881 OHHALLSENSOR-OH1881 Datasheet
153Kb / 2P
   Hall effect Latching IC
logo
Bel Fuse Inc.
9902090CW BEL-9902090CW Datasheet
491Kb / 3P
   Dual Output Hall Effect Sensor
logo
OPTEK Technologies
OMH3131 OPTEK-OMH3131 Datasheet
244Kb / 7P
   High Reliability Hallogic Hall-Effect Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com