Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62150A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62150A
Description  TPS6215xA-Q1 3V to 17-V 1A Step-Down Converter with DCS-ControlTM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62150A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS62150A Datasheet HTML 4Page - Texas Instruments TPS62150A Datasheet HTML 5Page - Texas Instruments TPS62150A Datasheet HTML 6Page - Texas Instruments TPS62150A Datasheet HTML 7Page - Texas Instruments TPS62150A Datasheet HTML 8Page - Texas Instruments TPS62150A Datasheet HTML 9Page - Texas Instruments TPS62150A Datasheet HTML 10Page - Texas Instruments TPS62150A Datasheet HTML 11Page - Texas Instruments TPS62150A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
COUT
VOUT
CIN
L1
VIN
FB
PG
TPS62150A-Q1
R1
R2
CSS
R3
PVIN
AVIN
EN
SS/TR
DEF
LOG
SW
VOS
PG
FB
AGND
PGND
TPS62150A-Q1, TPS62153A-Q1
SLVSCC3 – MAY 2014
www.ti.com
9 Parameter Measurement Information
spacing
Table 1. List of Components
REFERENCE
DESCRIPTION
MANUFACTURER
IC
17V, 3A Step-Down Converter, VQFN
TPS62150AQRGT, Texas Instruments
L1
2.2µH, 0.165 x 0.165 in
XFL4020-222MEB, Coilcraft
Cin
10µF, 25V, Ceramic
Standard
Cout
22µF, 6.3V, Ceramic
Standard
Css
3300pF, 25V, Ceramic
R1
depending on Vout
R2
depending on Vout
R3
100k
Ω, Chip, 0603, 1/16W, 1%
Standard
spacing
spacing
Figure 13. Measurement Setup
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TPS62150A-Q1 TPS62153A-Q1


Similar Part No. - TPS62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62150A TI1-TPS62150A Datasheet
1Mb / 34P
[Old version datasheet]   3-17V 1A Step-Down Converter in 3x3 QFN Package
TPS62150A TI1-TPS62150A Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150A TI1-TPS62150A Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TPS62150A-Q1 TI1-TPS62150A-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150A-Q1 TI1-TPS62150A-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
More results

Similar Description - TPS62150A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62130A-Q1 TI-TPS62130A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3V to 17-V 3A Step-Down Converter with DCS-Control?
TPS62150A-Q1 TI1-TPS62150A-Q1_V01 Datasheet
1Mb / 39P
[Old version datasheet]   3-V to 17-V 1 A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TPS62130A-Q1 TI1-TPS62130A-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6213xA-Q1 3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62130A-Q1_016 TI1-TPS62130A-Q1_016 Datasheet
1Mb / 37P
[Old version datasheet]   3-V to 17-V 3-A Step-Down Converter with DCS-Control
TPS62160-Q1 TI1-TPS62160-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   3-V to 17-V 1-A Step-Down Converter with DCS-Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com