Electronic Components Datasheet Search |
|
TPS62130 Datasheet(PDF) 7 Page - Texas Instruments |
|
TPS62130 Datasheet(HTML) 7 Page - Texas Instruments |
7 / 40 page control logic Soft start Thermal Shtdwn UVLO PG control power control error amplifier gate drive HS lim LS lim PVIN PVIN AVIN PG PGND PGND AGND comp comp + _ timer tON DCS - Control TM direct control & compensation comparator ramp SW SW SW EN * SS/TR DEF * FSW * VOS FB * This pin is connected to a pull down resistor internally (see Detailed Description section). TPS62130, TPS62130A, TPS62131, TPS62132, TPS62133 www.ti.com SLVSAG7C – NOVEMBER 2011 – REVISED JANUARY 2015 9 Detailed Description 9.1 Overview The TPS6213X synchronous switched mode power converters are based on DCS-Control™ (Direct Control with Seamless Transition into Power Save Mode), an advanced regulation topology, that combines the advantages of hysteretic, voltage mode and current mode control including an AC loop directly associated to the output voltage. This control loop takes information about output voltage changes and feeds it directly to a fast comparator stage. It sets the switching frequency, which is constant for steady state operating conditions, and provides immediate response to dynamic load changes. To get accurate DC load regulation, a voltage feedback loop is used. The internally compensated regulation network achieves fast and stable operation with small external components and low ESR capacitors. The DCS-ControlTM topology supports PWM (Pulse Width Modulation) mode for medium and heavy load conditions and a Power Save Mode at light loads. During PWM, it operates at its nominal switching frequency in continuous conduction mode. This frequency is typically about 2.5MHz or 1.25MHz with a controlled frequency variation depending on the input voltage. If the load current decreases, the converter enters Power Save Mode to sustain high efficiency down to very light loads. In Power Save Mode the switching frequency decreases linearly with the load current. Since DCS-ControlTM supports both operation modes within one single building block, the transition from PWM to Power Save Mode is seamless without effects on the output voltage. Fixed output voltage versions provide smallest solution size and lowest current consumption, requiring only 4 external components. An internal current limit supports nominal output currents of up to 3A. The TPS6213X family offers both excellent DC voltage and superior load transient regulation, combined with very low output voltage ripple, minimizing interference with RF circuits. 9.2 Functional Block Diagram Figure 5. TPS62130 and TPS62130A (Adjustable Output Voltage) Copyright © 2011–2015, Texas Instruments Incorporated Submit Documentation Feedback 7 |
Similar Part No. - TPS62130_15 |
|
Similar Description - TPS62130_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |