Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62120 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62120
Description  TPS6212x 15-V, 75-mA Highly Efficient Buck Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62120 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62120_15 Datasheet HTML 1Page - Texas Instruments TPS62120_15 Datasheet HTML 2Page - Texas Instruments TPS62120_15 Datasheet HTML 3Page - Texas Instruments TPS62120_15 Datasheet HTML 4Page - Texas Instruments TPS62120_15 Datasheet HTML 5Page - Texas Instruments TPS62120_15 Datasheet HTML 6Page - Texas Instruments TPS62120_15 Datasheet HTML 7Page - Texas Instruments TPS62120_15 Datasheet HTML 8Page - Texas Instruments TPS62120_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS62120, TPS62122
SLVSAD5A – JULY 2010 – REVISED AUGUST 2015
www.ti.com
Table of Contents
8.4
Device Functional Modes........................................ 10
1
Features .................................................................. 1
9
Application and Implementation ........................ 12
2
Applications ........................................................... 1
9.1
Application Information............................................ 12
3
Description ............................................................. 1
9.2
Typical Applications ................................................ 12
4
Revision History..................................................... 2
9.3
System Examples ................................................... 20
5
Device Comparison Table..................................... 3
10
Power Supply Recommendations ..................... 22
6
Pin Configuration and Functions ......................... 3
11
Layout................................................................... 22
7
Specifications......................................................... 4
11.1
Layout Guidelines ................................................. 22
7.1
Absolute Maximum Ratings ...................................... 4
11.2
Layout Examples................................................... 22
7.2
ESD Ratings.............................................................. 4
12
Device and Documentation Support ................. 24
7.3
Recommended Operating Conditions ....................... 4
12.1
Device Support...................................................... 24
7.4
Thermal Information .................................................. 5
12.2
Related Links ........................................................ 24
7.5
Electrical Characteristics........................................... 5
12.3
Community Resources.......................................... 24
7.6
Typical Characteristics .............................................. 7
12.4
Trademarks ........................................................... 24
8
Detailed Description .............................................. 8
12.5
Electrostatic Discharge Caution ............................ 24
8.1
Overview ................................................................... 8
12.6
Glossary ................................................................ 24
8.2
Functional Block Diagram ......................................... 8
13
Mechanical, Packaging, and Orderable
8.3
Feature Description................................................... 9
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (July 2010) to Revision A
Page
Added Pin Configuration and Functions section, Handling Rating table, Feature Description section, Device
Functional Modes, Application and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information
section ................................................................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS62120 TPS62122


Similar Part No. - TPS62120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62120DCNR TI-TPS62120DCNR Datasheet
5Mb / 33P
[Old version datasheet]   15V, 75mA High Efficient Buck Converter
TPS62120DCNT TI-TPS62120DCNT Datasheet
5Mb / 33P
[Old version datasheet]   15V, 75mA High Efficient Buck Converter
More results

Similar Description - TPS62120_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS63010 TI1-TPS63010_16 Datasheet
1Mb / 27P
[Old version datasheet]   Highly Efficient, Single Inductor Buck-Boost Converter
logo
Renesas Technology Corp
ISL85003 RENESAS-ISL85003 Datasheet
1Mb / 23P
   Highly Efficient 3A Synchronous Buck Regulator
logo
Texas Instruments
TPS63010 TI-TPS63010_09 Datasheet
686Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
TPS63010 TI-TPS63010_10 Datasheet
707Kb / 28P
[Old version datasheet]   HIGHLY EFFICIENT,SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
logo
Silicon Mitus, Inc.
SM6003 SILICONMITUS-SM6003 Datasheet
359Kb / 1P
   36 V, 600 mA Buck Converter
December 2017 Rev. 0.0.0
logo
Texas Instruments
TPS63010 TI1-TPS63010_12 Datasheet
739Kb / 29P
[Old version datasheet]   HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com