Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VPS12-2000 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # VPS12-2000
Description  QUICK-CONNECT WORLD SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

VPS12-2000 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  VPS12-2000 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R
T R A N S F O R M E R
CHASSIS MOUNT :
QUICK-CONNECT WORLD SERIES
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California 92571
Publish Date: December 4, 2013
VPS12-2000
Electrical Specifications (@25C)
1. Maximum Power: 25.0VA
2. Primary - Series: 230VAC@50/60Hz; Parallel: 115VAC@50/60Hz
3. Secondary - Series: 12.6V CT@ 2.0A; Parallel: 6.3V @ 4.0A
4. Voltage Regulation: 25% TYP @ full load to no load
5. Temperature Rise: 30C TYP (45C MAX allowed)
6. Insulation Resistance: 100MΩ
Construction:
Dual bobbin construction with an insulated shroud, both made of a high temperature
material that exceeds UL flammability requirements.
Safety:
These units are designed with 4000VAC isolation between the primary and
secondary, and also, between each winding and the core. Since the dual bobbin
construction effectively reduces capacitance, electrostatic shielding is not required.
World Series Transformers are designed and manufactured to meet the following
agency approvals:
Agency File:
UL: File E53148, UL 5085-1 and 2 (formerly UL 506), General Purpose.
CSA: File LR 221330. C22.2 NO. 66, General Purpose.
TUV Certificate No.: R72103639, EN60950, Information Technology
A. Dimensions:
Unit: In inches
B. Mounting Hole Size: 3/16”
C. WT Lbs. : 1.25
Connections
1:
Input:
Series – 6 and 1, Jumper 5 to 2
Parallel – 6 and 1, Jumper 6 to 2 and 5 to 1
Output:
Series – 12 and 7, Jumper 11 to 8
Parallel – 12 and 7, Jumper 12 to 8 and 11 to 7
RoHS Compliance:
As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.
1 Primary and secondary windings are designed to be connected in series or parallel. Winding are not
intended to be used independently.
H
W
D
A
B
C
T
MW
ML
2-5/16
2-13/16
1-15/16
2
1-1/8
5/16
3/16
2-3/8
-
1
2
5
6
7
8
11
12
A
H
MW
D
W
C
T
B
6
5
2
1
12
11
8
7
SCHEMATIC


Similar Part No. - VPS12-2000

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS12-10300 TRIAD-VPS12-10300 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-14000 TRIAD-VPS12-14000 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-3400 TRIAD-VPS12-3400 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-6300 TRIAD-VPS12-6300 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
More results

Similar Description - VPS12-2000

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS12-14000 TRIAD-VPS12-14000 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS10-2500 TRIAD-VPS10-2500_13 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS16-5000 TRIAD-VPS16-5000 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-3400 TRIAD-VPS12-3400 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS16-8100 TRIAD-VPS16-8100 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS20-1250 TRIAD-VPS20-1250_13 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS56-2300 TRIAD-VPS56-2300 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS12-10300 TRIAD-VPS12-10300 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS16-2700 TRIAD-VPS16-2700 Datasheet
159Kb / 1P
   QUICK-CONNECT WORLD SERIES
VPS16-11000 TRIAD-VPS16-11000 Datasheet
161Kb / 1P
   QUICK-CONNECT WORLD SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com