Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

61053-103 Datasheet(PDF) 1 Page - Micropac Industries

Part # 61053-103
Description  SILICON PHOTOTRANSISTOR ?쏱IGTAIL?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

61053-103 Datasheet(HTML) 1 Page - Micropac Industries

  61053-103 Datasheet HTML 1Page - Micropac Industries 61053-103 Datasheet HTML 2Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
6 - 6
61053
SILICON PHOTOTRANSISTOR “PIGTAIL”
(TYPE GS3020)
Mii
OPTOELECTRONIC PRODUCTS
DIVISION
Features:
Hermetically sealed
High sensitivity
Pigtail version available
Suitable for high-density pc board mounting
Spectrally matched to the 62017 Series LED.
Applications:
Incremental encoding
Reflective sensors
Position sensors
Level sensors
DESCRIPTION
The 61053 is an N-P-N Planar Silicon phototransistor in a package designed to be mounted in a double-clad printed circuit
board. It is available in a range of sensitivities and is lensed for minimum response to stray light. High sensitivity, low dark
current leakage, and low saturation voltage make this device ideal for interfacing with TTL circuits. This sensor is also
available with a lead attached to the case so that it may be connected without the use of printed circuit boards. Available
custom binned to customer specifications or screened to MIL-PRF-19500.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature..........................................................................................................................................-65°C to +150°C
Operating Temperature (See part selection guide for actual operating temperature) ......................................-65°C to +125°C
Collector-Emitter Voltage........................................................................................................................................................50V
Emitter-Collector Voltage.......................................................................................................................................................... 7V
Power Dissipation (Derate at the rate of 0.5 mW/°C above 25°C) ...................................................................................50mW
Lead Soldering Temperature (3 minutes) ......................................................................................................................... 240°C
Package Dimensions
Schematic Diagram
Ø.025 [0.64]
0.114 [2.90]
0.100 [2.54]
0.089 [2.26]
OPTIONAL
ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]
Ø0.095 [Ø2.41]
Ø0.063 [Ø1.60]
Ø0.077 [Ø1.96]
1.000 [25.40]
C
E
E
C


Similar Part No. - 61053-103

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61050 MICROPAC-61050 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-001 MICROPAC-61050-001 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-002 MICROPAC-61050-002 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-003 MICROPAC-61050-003 Datasheet
93Kb / 3P
   Maximum sensitivity
61050-004 MICROPAC-61050-004 Datasheet
93Kb / 3P
   Maximum sensitivity
More results

Similar Description - 61053-103

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
61010 MICROPAC-61010 Datasheet
87Kb / 2P
   PHOTODARLINGTON ?쏱IGTAIL?
61060 MICROPAC-61060 Datasheet
77Kb / 2P
   PHOTODIODE ?쏱IGTAIL?
61048 MICROPAC-61048 Datasheet
95Kb / 2P
   SILICON PHOTOTRANSISTOR
61058 MICROPAC-61058 Datasheet
90Kb / 2P
   SILICON PHOTOTRANSISTOR
logo
Honeywell Accelerometer...
SD2440-004 HONEYWELL-ACC-SD2440-004 Datasheet
441Kb / 4P
   Silicon Phototransistor
logo
Vishay Siliconix
TEMT1020 VISHAY-TEMT1020 Datasheet
355Kb / 9P
   Silicon Phototransistor
Rev. 1.5, 08-Mar-05
logo
Honeywell Solid State E...
SD3443 HONEYWELL-SD3443 Datasheet
370Kb / 4P
   Silicon Phototransistor
logo
Honeywell Accelerometer...
SD2440-001 HONEYWELL-ACC-SD2440-001 Datasheet
441Kb / 4P
   Silicon Phototransistor
SD1440-004 HONEYWELL-ACC-SD1440-004 Datasheet
415Kb / 4P
   Silicon Phototransistor
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
   Silicon Phototransistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com