Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX426C15FBK2-16 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX426C15FBK2-16
Description  DDR4-2666 CL15 288-Pin DIMM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HX426C15FBK2-16 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX426C15FBK2-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers HX426C15FBK2-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
Document No. 4807356-001.A00
07/20/15
Page 1
SPECIFICATIONS
*Power will vary depending on the SDRAM used.
HX426C15FBK2/16
16GB (8GB 1G x 64-Bit x 2 pcs.)
DDR4-2666 CL15 288-Pin DIMM
Continued >>
kingston.com/hyperx
FEATURES
HyperX HX426C15FBK2/16 is a kit of two 1G x 64-bit (8GB)
DDR4-2666 CL15 SDRAM (Synchronous DRAM) 2Rx8, memory
module, based on sixteen 512M x 8-bit FBGA components per
module. Each module kit supports Intel® Extreme Memory
Profiles (Intel® XMP) 2.0. Total kit capacity is 16GB. Each
module has been tested to run at DDR4-2666 at a low latency timing
of 15-17-17 at 1.2V. Additional timing parameters are shown in
the Plug-N-Play (PnP) Timing Parameters section below.
The JEDEC standard electrical and mechanical specifications
are as follows:
CL(IDD)
Row Cycle Time (tRCmin)
Refresh to Active/Refresh
Command Time (tRFCmin)
Row Active Time (tRASmin)
Maximum Operating Power
UL Rating
Operating Temperature
Storage Temperature
15 cycles
45ns(min.)
260ns(min.)
26.25ns(min.)
TBD W*
94 V - 0
0
o C to +85o C
-55
o C to +100o C
JEDEC/XMP TIMING PARAMETERS
JEDEC/PnP:
DDR4-2666 CL15-17-17 @1.2V
DDR4-2400 CL14-16-16 @1.2V
DDR4-2133 CL12-14-14 @1.2V
XMP Profile #1: DDR4-2666 CL15-17-17 @1.2V
• Power Supply: VDD = 1.2V Typical
• VDDQ = 1.2V Typical
• VPP - 2.5V Typical
• VDDSPD = 2.2V to 3.6V
• Nominal and dynamic on-die termination (ODT) for
data, strobe, and mask signals
• Low-power auto self refresh (LPASR)
• Data bus inversion (DBI) for data bus
• On-die VREFDQ generation and calibration
• Dual-rank
• On-board I2 serial presence-detect (SPD) EEPROM
• 16 internal banks; 4 groups of 4 banks each
• Fixed burst chop (BC) of 4 and burst length (BL) of 8
via the mode register set (MRS)
• Selectable BC4 or BL8 on-the-fly (OTF)
• Fly-by topology
• Terminated control command and address bus
• Height 1.340” (34.04mm), w/heatsink
Note: The PnP feature offers a range of speed and timing options to support
the widest variety of processors and chipsets. Your maximum speed will
be determined by your BIOS.


Similar Part No. - HX426C15FBK2-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX426C15FBK2-8 ETC2-HX426C15FBK2-8 Datasheet
356Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
More results

Similar Description - HX426C15FBK2-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX426C15FBK4-16 ETC2-HX426C15FBK4-16 Datasheet
356Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
HX426C15FB-4 ETC2-HX426C15FB-4 Datasheet
355Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
HX426C15FBK2-8 ETC2-HX426C15FBK2-8 Datasheet
356Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
HX426C15FB-8 ETC2-HX426C15FB-8 Datasheet
350Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
HX426C15FBK4-32 ETC2-HX426C15FBK4-32 Datasheet
350Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM
HX426C15SBK4-64 ETC2-HX426C15SBK4-64 Datasheet
320Kb / 2P
   DDR4-2666 CL15 288-Pin DIMM Kit
HX430C15PB2K4-16 ETC2-HX430C15PB2K4-16 Datasheet
394Kb / 2P
   DDR4-3000 CL15 288-Pin DIMM
HX430C15PBK4-32 ETC2-HX430C15PBK4-32 Datasheet
393Kb / 2P
   DDR4-3000 CL15 288-Pin DIMM
HX430C15SB-4 ETC2-HX430C15SB-4 Datasheet
321Kb / 2P
   DDR4-3000 CL15 288-Pin DIMM
HX426C13PB2K4-16 ETC2-HX426C13PB2K4-16 Datasheet
394Kb / 2P
   DDR4-2666 CL13 288-Pin DIMM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com