Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53258 Datasheet(PDF) 1 Page - Micropac Industries

Part # 53258
Description  RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53258 Datasheet(HTML) 1 Page - Micropac Industries

  53258 Datasheet HTML 1Page - Micropac Industries 53258 Datasheet HTML 2Page - Micropac Industries 53258 Datasheet HTML 3Page - Micropac Industries 53258 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
02/15/01
PRELIMINARY DATA SHEET
53258
RADIATION TOLERANT
120VDC – 5A SOLID STATE RELAY
Mii
HYBRID MICROELECTRONICS
PRODUCTS DIVISION
Features:
Design for 100 krad(Si) Total Dose
Hermetically Sealed in Surface Mount Package
Low On-resistance
5A Continuous Output Current
Operation over Full Military Temperature
Range -55°C to +125°C
Optically Coupled
Input / Output Isolation Tested to 1000 VDC
Shock and Vibration Resistance
Applications:
Satellite/Space Systems
Military/High Reliability Systems
Power Distribution/Switching
Solenoid Driver
Stepper Motor Driver
Switching Heaters
DESCRIPTION
The 53258 is a SPST, radiation tolerant, DC solid-state relay (SSR) designed for military and space applications.
This light-weight device is resistant to damage from severe shock and vibration, and is immune to contact related
problems inherent in electro-mechanical relays. The 53258 SSR is enclosed in a hermetic metal package to
ensure reliability in harsh environments. Effective isolation of 1000 VDC between control and load circuits is
achieved through the use of optical coupling.
Functionally, the device operates as a single-pole single-throw, normally open (1 Form A) DC solid-state relay.
The 53258 SSR is actuated by an input current of 5 to 15 mA, which can be supplied from a standard TTL device.
Output is provided by a power MOSFET exhibiting very low RDS(ON) and capable of carrying a continuous current of
5 amperes. This device is designed to function with minimal degradation after exposure to 100 krad(Si) total dose.
The 53258 SSR is available in a variety of quality levels from COTS to class K including any custom screening
requirements. The basic data sheet part is environmentally screened to H level in accordance with Table C-IX of
MIL-PRF-38534.
ABSOLUTE MAXIMUM RATINGS
Output Voltage ..................................................................................................................................................... 150 VDC
Continuous Output current............................................................................................................................................5 A
Storage Temperature Range ..................................................................................................................-65°C to +150°C
Operating Junction Temperature...........................................................................................................................+150°C
Lead Solder Temperature, for 10 seconds .............................................................................................................300°C
Continuous Input Current .........................................................................................................................................20 mA
Peak Input Current
(1)............................................................................................................................................. 100 mA
Reverse Input Voltage............................................................................................................................................. 6 VDC
WEIGHT: ........................................................................................................................................3.7 grams (typical)


Similar Part No. - 53258

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53258-0229 MOLEX7-53258-0229 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 2 Circuits, Brass (CuZn) Contact
53258-0329 MOLEX7-53258-0329 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Brass (CuZn) Contact
53258-0429 MOLEX7-53258-0429 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 4 Circuits, Brass (CuZn) Contact
53258-0449 MOLEX11-53258-0449 Datasheet
91Kb / 1P
   3.5 W-To-B Conn WAFER Assy (ST.) WITH BOSS
53258-0529 MOLEX7-53258-0529 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 5 Circuits, Brass (CuZn) Contact
More results

Similar Description - 53258

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53257 MICROPAC-53257 Datasheet
119Kb / 4P
   RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
   RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53246 MICROPAC-53246 Datasheet
153Kb / 7P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
logo
International Rectifier
RDHA710SE10A2QK IRF-RDHA710SE10A2QK Datasheet
122Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHB710SE20A2SX IRF-RDHB710SE20A2SX Datasheet
136Kb / 7P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710SE10A2SK IRF-RDHA710SE10A2SK Datasheet
120Kb / 6P
   Radiation Hardended Solid-State Relay with Buffered Inputs
RDHA710SE10A2FK IRF-RDHA710SE10A2FK Datasheet
115Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Radiation Hardended, 100V, Dual 1.0A, Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com