Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53258 Datasheet(PDF) 4 Page - Micropac Industries

Part # 53258
Description  RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53258 Datasheet(HTML) 4 Page - Micropac Industries

  53258 Datasheet HTML 1Page - Micropac Industries 53258 Datasheet HTML 2Page - Micropac Industries 53258 Datasheet HTML 3Page - Micropac Industries 53258 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
02/15/01
Preliminary Data Sheet
53258
Radiation Tolerant 120VDC - 5A Solid State Relay
_______________________________________________________________________
CASE OUTLINE
.500
.600
.750
.040
.175
1.060 ±.030
.500
.025 ±.002 DIA
(4 PLCS)
.060 ±.030
.095 REF
.094
.150
.100
1
23
4


Similar Part No. - 53258

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53258-0229 MOLEX7-53258-0229 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 2 Circuits, Brass (CuZn) Contact
53258-0329 MOLEX7-53258-0329 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 3 Circuits, Brass (CuZn) Contact
53258-0429 MOLEX7-53258-0429 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 4 Circuits, Brass (CuZn) Contact
53258-0449 MOLEX11-53258-0449 Datasheet
91Kb / 1P
   3.5 W-To-B Conn WAFER Assy (ST.) WITH BOSS
53258-0529 MOLEX7-53258-0529 Datasheet
137Kb / 3P
   3.50mm (.138") Pitch Header, Vertical, Lead-free, 5 Circuits, Brass (CuZn) Contact
More results

Similar Description - 53258

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53257 MICROPAC-53257 Datasheet
119Kb / 4P
   RADIATION TOLERANT 120VDC - 2A SOLID STATE RELAY
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
   RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53250 MICROPAC-53250 Datasheet
161Kb / 6P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
53246 MICROPAC-53246 Datasheet
153Kb / 7P
   RADIATION TOLERANT 40VDC - 2A SOLID STATE RELAY
logo
International Rectifier
RDHA710SE10A2QK IRF-RDHA710SE10A2QK Datasheet
122Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHB710SE20A2SX IRF-RDHB710SE20A2SX Datasheet
136Kb / 7P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710SE10A2SK IRF-RDHA710SE10A2SK Datasheet
120Kb / 6P
   Radiation Hardended Solid-State Relay with Buffered Inputs
RDHA710SE10A2FK IRF-RDHA710SE10A2FK Datasheet
115Kb / 6P
   Radiation Hardended, Solid-State Relay with Buffered Inputs
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
   Radiation Hardended, 100V Single 10A, Solid State Relay
RDHA701CD10A2NX IRF-RDHA701CD10A2NX Datasheet
127Kb / 5P
   Radiation Hardended, 100V, Dual 1.0A, Solid State Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com