Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1300980241 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1300980241
Description  MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1300980241 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1300980241 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1300980241
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
MAX-LOC® Multi-Hole Strain Relief, 1/2" NPT, 90° Angle Male, Cable Diameter
7.37mm (.290"), with O-Ring
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
UL
E76954
General
Product Family
Cable Grips
Series
130098
Eye Type
N/A
NEMA Rating
NEMA 6P
O-Ring
Yes
Overview
Strain-Relief Cord Grips
Product Literature Order No
987650-8064
Product Name
MAX-LOC®
Type
Strain Relief Grip
UPC
78172509944
Use With
1/2" NPT MAX-LOC® Lock Nut 130099-0143
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
90° Angle
Cable Diameter
7.37mm (.290")
Color - Grommet
N/A
Gender
Male
Material - Body
Nylon
Material - Grip
N/A
Mesh Length
N/A
Number of Holes
2
Thread Size
1/2" NPT
Material Info
Old Part Number
5595-006W
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130098 Series
This document was generated on 10/20/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1300980241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300980243 MOLEX11-1300980243 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 1/2 NPT, Straight Male, Cable Diameter
1300980248 MOLEX11-1300980248 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
1300980249 MOLEX11-1300980249 Datasheet
42Kb / 1P
   MAX-LOC Strain Relief Cord-Sealing Grip, 3/4 NPT, Straight Male, Cable Diameter
More results

Similar Description - 1300980241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300980207 MOLEX11-1300980207 Datasheet
38Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
1300980238 MOLEX11-1300980238 Datasheet
37Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
130098-0207 MOLEX11-130098-0207 Datasheet
46Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
1300980210 MOLEX11-1300980210 Datasheet
37Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2" NPT, 90 Angle Male, Cable Diameter
1300980208 MOLEX11-1300980208 Datasheet
37Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
1300980213 MOLEX11-1300980213 Datasheet
37Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
130098-0210 MOLEX11-130098-0210 Datasheet
45Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, 90 Angle Male, Cable Diameter
1300980199 MOLEX11-1300980199 Datasheet
34Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, Straight Male, Cable Diameter 7.37mm
1300980204 MOLEX11-1300980204 Datasheet
34Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, Straight Male, Cable Diameter 4.75mm
1300980195 MOLEX11-1300980195 Datasheet
34Kb / 1P
   MAX-LOC Multi-Hole Strain Relief, 1/2 NPT, Straight Male, Cable Diameter 5.72mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com