Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53111-2PA Datasheet(PDF) 4 Page - Micropac Industries

Part # 53111-2PA
Description  POWER MOSFET OPTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111-2PA Datasheet(HTML) 4 Page - Micropac Industries

  53111-2PA Datasheet HTML 1Page - Micropac Industries 53111-2PA Datasheet HTML 2Page - Micropac Industries 53111-2PA Datasheet HTML 3Page - Micropac Industries 53111-2PA Datasheet HTML 4Page - Micropac Industries 53111-2PA Datasheet HTML 5Page - Micropac Industries 53111-2PA Datasheet HTML 6Page - Micropac Industries 53111-2PA Datasheet HTML 7Page - Micropac Industries 53111-2PA Datasheet HTML 8Page - Micropac Industries 53111-2PA Datasheet HTML 9Page - Micropac Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
5/22/02
Pg. 4 of 11
53111
Power MOSFET Optocoupler
TYPICAL CHARACTERISTICS
All typical values are at TA = 25°C, IF (ON) = 10mA, VF (OFF) = 0.6V unless otherwise specified.
Parameter
Symbol
Test
Conditions
Typ.
Units
Notes
Output Off-Capacitance
CO (OFF)
VO = 28 V
f = 1 MHz
145
pF
Output Offset Voltage
VOS
IF = 10 mA
IO = 0 mA
2
µV
6
Input Diode Temperature
Coefficient
∆VF /∆TA
IF = 10 mA
-1.4
mV/°C
Input Capacitance
CIN
VF = 0 V
f = 1 MHz
20
pF
7
Input-Output
Capacitance
CI-O
VI-O = 0 V
f = 1 MHz
1.5
pF
4
Input-Output Resistance
RI-O
VI-O = 500 V
t = 60 s
10
13
4
Notes:
1. Maximum junction to case thermal resistance for the device is 15ºC/W, where case temperature, TC, is
measured at the center of the package bottom.
2. For rating, see Figure 5. The output power PD rating curve is obtained when the part is handling the maximum
average output current IO as shown in Figure 3.
3. During the pulsed RON measurement (IO duration < 30 ms), ambient (TA) and case temperature (TC) are equal.
4. Pins 2 through 3 shorted together and pins 5 through 8 shorted together.
5. This is a momentary withstand test, not an operating condition.
6. VOS is a function of IF and is defined between pins 5 and 8, with pin 5 as the reference. VOS must be measured
in a stable ambient (free of temperature gradients).
7. Zero-bias capacitance measured between the LED anode and cathode.
CAUTION:
Care should be taken not to exceed the maximum output power dissipation, maximum case temperature, and
maximum junction temperature when repetitively switching loads.


Similar Part No. - 53111-2PA

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53111-2PA MICROPAC-53111-2PA Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
More results

Similar Description - 53111-2PA

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53124 MICROPAC-53124_13 Datasheet
124Kb / 14P
   POWER MOSFET OPTOCOUPLER
53111 MICROPAC-53111_13 Datasheet
108Kb / 11P
   POWER MOSFET OPTOCOUPLER
53272 MICROPAC-53272_12 Datasheet
106Kb / 9P
   POWER MOSFET OPTOCOUPLER
53272 MICROPAC-53272 Datasheet
208Kb / 9P
   POWER MOSFET OPTOCOUPLER 90V - 2.0A
53259 MICROPAC-53259_15 Datasheet
83Kb / 8P
   POWER MOSFET OPTOCOUPLER SPST NORMALLY CLOSED
53258 MICROPAC-53258_07 Datasheet
54Kb / 4P
   RADIATION TOLERANT 120VDC ??5A POWER MOSFET OPTOCOUPLER
53259 MICROPAC-53259 Datasheet
130Kb / 6P
   POWER MOSFET OPTOCOUPLER 400V / 50ohm HERMETICALLY SEALED
logo
Vishay Siliconix
VO2223 VISHAY-VO2223_17 Datasheet
130Kb / 7P
   Optocoupler, Power Phototriac
Rev. 1.4, 07-Dec-17
VO2223 VISHAY-VO2223_12 Datasheet
107Kb / 6P
   Optocoupler, Power Phototriac
Rev. 1.3, 12-Sep-12
VO2223A VISHAY-VO2223A_12 Datasheet
107Kb / 6P
   Optocoupler, Power Phototriac
Rev. 1.3, 12-Sep-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com