Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH04000W Datasheet(PDF) 4 Page - Texas Instruments

Part # PTH04000W
Description  3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK??SEQUENCING
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04000W Datasheet(HTML) 4 Page - Texas Instruments

  PTH04000W_15 Datasheet HTML 1Page - Texas Instruments PTH04000W_15 Datasheet HTML 2Page - Texas Instruments PTH04000W_15 Datasheet HTML 3Page - Texas Instruments PTH04000W_15 Datasheet HTML 4Page - Texas Instruments PTH04000W_15 Datasheet HTML 5Page - Texas Instruments PTH04000W_15 Datasheet HTML 6Page - Texas Instruments PTH04000W_15 Datasheet HTML 7Page - Texas Instruments PTH04000W_15 Datasheet HTML 8Page - Texas Instruments PTH04000W_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.ti.com
PIN ASSIGNMENT
PTH04000W
(TopView)
1
5
2
3
4
6
PTH04000W
SLTS247B – JUNE 2005 – REVISED OCTOBER 2007
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This is the common ground connection for the VI and VO power connections. It is also the 0 Vdc
GND
1
reference for the Inhibit , the VO Adjust, and the Track control inputs.
This is an analog control input that enables the output voltage to follow an external voltage. This pin
becomes active typically 20 ms after the input voltage has been applied, and allows direct control of the
output voltage from 0 V up to the nominal set-point voltage. Within this range the output voltage follows
the voltage at the Track pin on a volt-for-volt basis. When the control voltage is raised above this range,
the module regulates at its set-point voltage. The feature allows the output voltage to rise
Track
2
I
simultaneously with other modules powered from the same input bus. If unused, this input should be
connected to VI.
NOTE: Due to the undervoltage lockout feature, the output of the module cannot follow its own input
voltage during power up. For more information, see the related application report (SLTA054).
VI
3
I
The positive input voltage power node to the module, which is referenced to common GND.
The Inhibit pin is an open-collector/drain-negative logic input that is referenced to GND. Applying a
low-level ground signal to this input disables the module's output. When the Inhibit control is active, the
Inhibit
4
I
input current drawn by the regulator is significantly reduced. If the Inhibit pin is left open-circuit, the
module produces an output voltage whenever a valid input source is applied.
A 1% resistor must be connected between this pin and GND (pin 1) to set the output voltage of the
module higher than 0.9 V. If left open-circuit, the output voltage defaults to this value. The temperature
VO Adjust
5
I
stability of the resistor should be 100 ppm/
°C (or better). The set-point range is from 0.9 V to 3.6 V. The
electrical specification table gives the standard resistor value for a number of common output voltages.
See the application information for further guidance.
VO
6
O
The regulated positive power output with respect to the GND node.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): PTH04000W


Similar Part No. - PTH04000W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH04000WAH TI-PTH04000WAH Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04000WAS TI-PTH04000WAS Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04000WAS1 TI-PTH04000WAS1 Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04000WAZ TI-PTH04000WAZ Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04000WAZ1 TI-PTH04000WAZ1 Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTH04000W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH08000WAZT TI-PTH08000WAZT Datasheet
622Kb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR WITH AUTO-TRACK SEQUENCING
PTH04070W TI-PTH04070W_07 Datasheet
436Kb / 16P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W_15 Datasheet
380Kb / 17P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PTH04000W TI-PTH04000W Datasheet
1Mb / 20P
[Old version datasheet]   3-A, 3.3/5-V INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH04070W TI-PTH04070W Datasheet
402Kb / 15P
[Old version datasheet]   3-A, 3.3/5-V INPUT ADJUSTABLE SWITCHING REGULATOR
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com