Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E10679-02 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # E10679-02
Description  D TYPE SOCKET ASSEMBLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

E10679-02 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  E10679-02_15 Datasheet HTML 1Page - Hamamatsu Corporation E10679-02_15 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GCable Output and Pin Output
GCompact and Lightweight
D TYPE SOCKET ASSEMBLIES
E10679-02, E10679-51
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2014 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
SPECIFICATIONS
CIRCUIT DIAGRAMS
FEATURES
The E10679-02 and E10679-51 are D-type socket assem-
blies for the R9880U series metal package photomultiplier
tubes.
The E10679-02 has an output cable, while the E10679-51
has output pins for mounting on a circuit board.
Parameter
Unit
Grounded Electrode / Supply Voltage Polarity
Max. Insulation Voltage Between Case and Terminals
Max. Supply Voltage Between Power Supply Terminals
Max. Voltage Divider Current (at Max. Power Supply Voltage)
Power Consumption (at Max. Power Supply Voltage)
Insulation Resistance Between Case and Terminals
Leakage Current in Signal
Total Voltage Divider Resistance
Max. Linear Output in DC Mode (at Max. Power Supply Voltage)
Signal Output
Operating Ambient Temperature
Storage Temperature
Weight
Anode / Negative
1100
1100
0.32
350
1
× 1011
1
× 10-10
3.46
16
DC/Pulse
0 to +50
-15 to +60
E10679-02
17
E10679-51
4.8
V
V
mA
mW
A
M
µA
°C
°C
g
Min.
Max.
Left: E10679-02, Right: E10679-51
E10679-02
E10679-51
DY10
DY9
DY8
DY5
DY4
DY3
DY2
DY1
R11
R13
R12
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
C3
C2
C1
P
K
-HV
AWG22
(VIOLET / TFE)
11
12
10
1
9
2
DY6
8
DY7
3
7
4
6
5
SIGNAL
OUTPUT
RG-174/U
(BLACK)
GND
AWG22
(BLACK)
R1 to R10
R11
R12, R13
C1 to C3
: 330 k
Ω ± 5 % 1/8 W
: 160 k
Ω ± 5 % 1/8 W
: 51
Ω ± 5 % 1/8 W
: 0.01
µF, 200 V
MAXIMUM HIGH VOLTAGE = -1100 V
DIVIDER CURRENT = 318
µA
DY10
DY9
DY8
DY5
DY4
DY3
DY2
DY1
R11
R13
R12
R10
R9
R8
R7
R6
R5
R4
R3
R2
R1
C3
C2
C1
P
K
CATHODE
11
12
10
1
9
2
DY6
8
DY7
3
7
4
6
5
ANODE
GND
R1 to R10
R11
R12
R13
C1 to C3
: 330 k
Ω ± 5 % 1/8 W
: 160 k
Ω ± 5 % 1/8 W
: 51
Ω ± 5 % 1/8 W
: 100
Ω ± 5 % 1/8 W
: 0.01
µF, 200 V
MAXIMUM HIGH VOLTAGE = -1100 V
DIVIDER CURRENT = 318
µA
TACCC0165EA
TACCC0166EA


Similar Part No. - E10679-02_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E10679-50 HAMAMATSU-E10679-50 Datasheet
160Kb / 2P
   D TYPE SOCKET ASSEMBLIES
More results

Similar Description - E10679-02_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E10679 HAMAMATSU-E10679 Datasheet
160Kb / 2P
   D TYPE SOCKET ASSEMBLIES
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
C7246 HAMAMATSU-C7246 Datasheet
46Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
E12788 HAMAMATSU-E12788_15 Datasheet
162Kb / 2P
   ACTIVE D TYPE SOCKET ASSEMBLY
E5815-01 HAMAMATSU-E5815-01_15 Datasheet
117Kb / 2P
   ACTIVE D TYPE SOCKET ASSEMBLY
logo
Molex Electronics Ltd.
45481 MOLEX-45481 Datasheet
179Kb / 2P
   Modular Plug and Socket Configured Assemblies
logo
EXCEL CELL ELECTRONIC C...
ETB4A ECE-ETB4A Datasheet
103Kb / 2P
   SOCKET TYPE
logo
CRYSTEK CORPORATION
CCN-RG58 CRYSTEKMICROWAVE-CCN-RG58 Datasheet
265Kb / 1P
   N-Type RF Coax Cable Assemblies
logo
Bel Fuse Inc.
67U2AC-003-K BEL-67U2AC-003-K Datasheet
561Kb / 2P
   IP67 USB Type-A Cable Assemblies
logo
List of Unclassifed Man...
49911A ETC2-49911A Datasheet
98Kb / 3P
   Molded Cable Assemblies - D-Subminiature Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com