Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9P006I12STCU-DP Datasheet(PDF) 6 Page - ON Semiconductor

Part # MT9P006I12STCU-DP
Description  CMOS Digital Image Sensor
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9P006I12STCU-DP Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MT9P006I12STCU-DP Datasheet HTML 2Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 3Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 4Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 5Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 6Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 7Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 8Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 9Page - ON Semiconductor MT9P006I12STCU-DP Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
MT9P006_DS Rev. E Pub. 5/15 EN
6
©Semiconductor Components Industries, LLC,2015.
MT9P006: 1/2.5-Inch 5 Mp Digital Image Sensor
General Description
General Description
The MT9P006 sensor can be operated in its default mode or programmed by the user for
frame size, exposure, gain setting, and other parameters. The default mode outputs a full
resolution image at 15 frames per second (fps).
An on-chip analog-to-digital converter (ADC) provides 12 bits per pixel. FRAME_VALID
(FV) and LINE_VALID (LV) signals are output on dedicated pins, along with a pixel clock
that is synchronous with valid data.
The MT9P006 produces extraordinarily clear, sharp digital pictures, and its ability to
capture both continuous HDTV video and single frames makes it the perfect choice for a
wide range of consumer and digital video cameras.
Functional Overview
The MT9P006 is a progressive-scan sensor that generates a stream of pixel data at a
constant frame rate. It uses an on-chip, phase-locked loop (PLL) to generate all internal
clocks from a single master input clock running between 6 and 27 MHz. The maximum
pixel rate is 96 Mp/s, corresponding to a clock rate of 96 MHz. Figure 1 illustrates a block
diagram of the sensor.
Figure 1:
Block Diagram
User interaction with the sensor is through the two-wire serial bus, which communi-
cates with the array control, analog signal chain, and digital signal chain. The core of the
sensor is a 5Mp active-pixel array. The timing and control circuitry sequences through
the rows of the array, resetting and then reading each row in turn. In the time interval
between resetting a row and reading that row, the pixels in the row integrate incident
light. The exposure is controlled by varying the time interval between reset and readout.
Once a row has been read, the data from the columns is sequenced through an analog
signal chain (providing offset correction and gain), and then through an ADC. The
output from the ADC is a 12-bit value for each pixel in the array. The ADC output passes
through a digital processing signal chain (which provides further data path corrections
and applies digital gain). The pixel data are output at a rate of up to 96 Mp/s, in addition
to frame and line synchronization signals.
Pixel Array
2752H x 2004V
SCLK
SDATA
SADDR
PIXCLK
DOUT[11:0]
LV
FV
STROBE
Serial
Interface
Analog Signal Chain
Data Path
TRIGGER
EXTCLK
RESET_BAR
STANDBY_BAR
OE


Similar Part No. - MT9P006I12STCU-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P006I12STCU-DP ONSEMI-MT9P006I12STCU-DP Datasheet
323Kb / 33P
   1/2.5-Inch 5 Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 5
More results

Similar Description - MT9P006I12STCU-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002 ONSEMI-MT9F002 Datasheet
2Mb / 93P
   CMOS Digital Image Sensor
Rev. H Pub. 6/15 EN
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com