Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9M001C12STM-DR1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MT9M001C12STM-DR1
Description  Megapixel CMOS Digital Image Sensor
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9M001C12STM-DR1 Datasheet(HTML) 1 Page - ON Semiconductor

  MT9M001C12STM-DR1 Datasheet HTML 1Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 2Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 3Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 4Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 5Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 6Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 7Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 8Page - ON Semiconductor MT9M001C12STM-DR1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
MT9M001: 1/2-Inch Megapixel Digital Image Sensor
Features
MT9M001_DS Rev. M Pub. 5/15 EN
1
©Semiconductor Components Industries, LLC ,
1/2-Inch Megapixel CMOS Digital Image Sensor
MT9M001C12STM (Monochrome) Datasheet, Rev. M
For the latest datasheet, please visit www.onsemi.com
Features
• Array Format (5:4): 1,280H x 1,024V (1,310,720 active
pixels). Total (incl. dark pixels): 1,312H x 1,048V
(1,374,976 pixels)
• Frame Rate: 30 fps progressive scan; programmable
• Shutter: Electronic Rolling Shutter (ERS)
• Window Size: SXGA; programmable to any smaller
format (VGA, QVGA, CIF, QCIF, etc.)
• Programmable Controls: Gain, frame rate, frame size
Applications
• Digital still cameras
• Digital video cameras
•PC cameras
General Description
The ON Semiconductor MT9M001 is an SXGA-format
with a 1/2-inch CMOS active-pixel digital image sen-
sor. The active imaging pixel array of 1,280H x 1,024V. It
incorporates sophisticated camera functions on-chip
such as windowing, column and row skip mode, and
snapshot mode. It is programmable through a simple
two-wire serial interface.
This megapixel CMOS image sensor features ON Semi-
conductor’s breakthrough low-noise CMOS imaging
technology that achieves CCD image quality (based on
signal-to-noise ratio and low-light sensitivity) while
maintaining the inherent size, cost, and integration
advantages of CMOS.
Table 1:
Key Performance Parameters
The sensor can be operated in its default mode or pro-
grammed by the user for frame size, exposure, gain set-
ting, and other parameters. The default mode outputs
an SXGA-size image at 30 frames per second (fps). An
on-chip analog-to-digital converter (ADC) provides 10
bits per pixel. FRAME_VALID and LINE_VALID signals
are output on dedicated pins, along with a pixel clock
that is synchronous with valid data.
Parameter
Value
Optical format
1/2-inch (5:4)
Active imager size
6.66 mm (H) x 5.32 mm (V)
Active pixels
1,280 H x 1,024 V
Pixel size
5.2 m x 5.2 m
Shutter type
Electronic rolling shutter (ERS)
Maximum data rate/
master clock
48 MPS/48 MHz
Frame
rate
SXGA
(1280 x 1024)
30 fps progressive scan;
programmable
ADC resolution
10-bit, on-chip
Responsivity
2.1 V/lux-sec
Dynamic range
68.2 dB
SNRMAX
45 dB
Supply voltage
3.0 V
3.6 V, 3.3 V nominal
Power consumption
363 mW at 3.3 V (operating);
294 W (standby)
Operating temperature
0°C to +70°C
Packaging
48-pin CLCC


Similar Part No. - MT9M001C12STM-DR1

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9M001C12STM MICRON-MT9M001C12STM Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
More results

Similar Description - MT9M001C12STM-DR1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
List of Unclassifed Man...
ICM200E ETC1-ICM200E Datasheet
679Kb / 32P
   Megapixel (UXGA) Digital Color CMOS Image Sensor
logo
Micron Technology
MT9M413C36STC MICRON-MT9M413C36STC Datasheet
504Kb / 30P
   1.3-MEGAPIXEL CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
logo
List of Unclassifed Man...
ICM320T ETC-ICM320T Datasheet
1Mb / 30P
   3.2 Megapixel QXGA Digital Color CMOS Image Sensor
logo
Micron Technology
MT9M001 MICRON-MT9M001 Datasheet
574Kb / 32P
   1/2-Inch Megapixel CMOS Digital Image Sensor
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
Micron Technology
MT9T001 MICRON-MT9T001 Datasheet
599Kb / 37P
   3-MEGAPIXEL DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com