Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9F002I12STCV-DP Datasheet(PDF) 11 Page - ON Semiconductor

Part # MT9F002I12STCV-DP
Description  CMOS Digital Image Sensor
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9F002I12STCV-DP Datasheet(HTML) 11 Page - ON Semiconductor

Back Button MT9F002I12STCV-DP Datasheet HTML 7Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 8Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 9Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 10Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 11Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 12Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 13Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 14Page - ON Semiconductor MT9F002I12STCV-DP Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
MT9F002 DS Rev. H Pub. 6/15 EN
11
©Semiconductor Components Industries, LLC,2015.
MT9F002: 1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Operating Modes
6. The parallel interface output pads can be left unconnected when the serial output interface is used.
7. ON Semiconductor recommends that 0.1F and 10F decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on lay-
out and design considerations. Check the MT9F002 demo headboard schematics for circuit recom-
mendations.
8. TEST signals must be tied to DGND for normal sensor operation.
9. ON Semiconductor recommends that analog power planes are placed in a manner such that cou-
pling with the digital power planes is minimized.
10. For serial HiSPi HiVCM mode, set register bit R0x306E[9] = 1 and VDD_TX = VDD_IO = 1.8V.
Figure 6:
Typical Configuration: Parallel Pixel Data Interface
Notes:
1. All power supplies should be adequately decoupled. ON Semiconductor recommends having 1.0F
and 0.1F decoupling capacitors for every power supply.
2. ON Semiconductor recommends a resistor value of 1.5k, but a greater value may be used for
slower two-wire speed.
3. This pull-up resistor is not required if the controller drives a valid logic level on SCLK at all times.
4. The GPI pins can be statically pulled HIGH or LOW and can be programmed to perform special func-
tions (TRIGGER/VD, OE_BAR, SADDR, STANDBY) to be dynamically controlled. GPI pads can be left
floating, when not used.
5. VPP, which is not shown in Figure 6, is left unconnected during normal operation.
6. The serial interface output pads can be left unconnected when the parallel output interface is used.
7. ON Semiconductor recommends that 0.1F and 10F decoupling capacitors for each power supply
are mounted as close as possible to the pad. Actual values and results may vary depending on lay-
out and design considerations. Check the MT9F002 demo headboard schematics for circuit recom-
mendations.
8. TEST signals must be tied to DGND for normal sensor operation.
VAA_PIX
VDD
Master clock
(2–64 MHz)
SDATA
SCLK
RESET_BAR
TEST
FLASH
FRAME_VALID
SHUTTER
DOUT [11:0]
EXTCLK
DGND
AGND
Digital
ground
Analog
ground
Digital
core
power1
To
controller
parallel port
From
Controller
LINE_VALID
PIXCLK
VDD_IO
GPI[3:0]4
Digital
I/O
power1
VDD_IO
VDD_PLL
VDD
VAA
VAA
VAA_PIX
Analog
power1
VDD_PLL
PLL
power1
Analog
power1
1.0
µF 0.1µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF
0.1
µF
1.0
µF


Similar Part No. - MT9F002I12STCV-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9F002I12STCV-DP ONSEMI-MT9F002I12STCV-DP Datasheet
2Mb / 89P
   1/2.3-Inch 14 Mp CMOS Digital Image Sensor
Rev. 9, 1/16 EN
MT9F002I12STCV-DP ONSEMI-MT9F002I12STCV-DP Datasheet
661Kb / 61P
   1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
More results

Similar Description - MT9F002I12STCV-DP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MT9P001 ONSEMI-MT9P001 Datasheet
1Mb / 48P
   CMOS Digital Image Sensor
Rev. L 4/15 EN
AR0130 ONSEMI-AR0130 Datasheet
1Mb / 53P
   CMOS Digital Image Sensor
Rev. L Pub. 6/15 EN
AR0330 ONSEMI-AR0330 Datasheet
2Mb / 77P
   CMOS Digital Image Sensor
Rev. U Pub. 4/15 EN
MT9D015 ONSEMI-MT9D015 Datasheet
1Mb / 75P
   CMOS Digital Image Sensor
Rev. M Pub. 4/15 EN
AR0833 ONSEMI-AR0833_17 Datasheet
410Kb / 43P
   CMOS Digital Image Sensor
March, 2017 ??Rev. 10
MT9D015 ONSEMI-MT9D015_17 Datasheet
490Kb / 55P
   CMOS Digital Image Sensor
May, 2017 ??Rev. 13
MT9D115 ONSEMI-MT9D115 Datasheet
1Mb / 66P
   CMOS Digital Image Sensor
Rev. E Pub. 4/15 EN
MT9M021 ONSEMI-MT9M021 Datasheet
866Kb / 34P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M024 ONSEMI-MT9M024 Datasheet
1Mb / 65P
   CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M131 ONSEMI-MT9M131 Datasheet
1Mb / 69P
   CMOS Digital Image Sensor
Rev. H 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com