Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53012 Datasheet(PDF) 3 Page - Micropac Industries

Part # 53012
Description  SPST SOLID-STATE RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53012 Datasheet(HTML) 3 Page - Micropac Industries

  53012 Datasheet HTML 1Page - Micropac Industries 53012 Datasheet HTML 2Page - Micropac Industries 53012 Datasheet HTML 3Page - Micropac Industries 53012 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION • 905 E. Walnut St, Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL:
hybridsales@micropac.com
03/15/01
53012
SPST SOLID STATE RELAY
APPLICATION INFORMATION
+V C =5 V
R St
5
4
3
1
7
TT L ( O . C. )
NC
I
16
A
Ou t p u t
Gr o u n d
+ D C S uppl y
*Limiting Resistor (RS) May Be Required. See Table 1.
TABLE 1
LIMITING RESISTANCE (RS) VALUES
(Without Heat Sink)
VC (VDC)
3.8-6
6 – 10
10 – 14
14 – 18
22 – 26
26 - 32
RS (Ω)
300
620
910
1500
2000
Rating
1/4
1/4
1/2
1/2
1


Similar Part No. - 53012

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
   SPST SOLID-STATE RELAY
More results

Similar Description - 53012

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
   SPST SOLID-STATE RELAY
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
   SPST SOLID-STATE RELAY
53024 MICROPAC-53024 Datasheet
112Kb / 3P
   SPST SOLID-STATE RELAY
53274 MICROPAC-53274 Datasheet
68Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274 Datasheet
68Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
   Solid State Relay SPST, 90VDC - 10A
logo
Micropac Industries
53217 MICROPAC-53217 Datasheet
123Kb / 6P
   SPST SOLID-STATE POWER CONTROLLERS
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com