Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC75897PW Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC75897PW
Description  Duty General-Purpose LCD Driver
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC75897PW Datasheet(HTML) 3 Page - ON Semiconductor

  LC75897PW Datasheet HTML 1Page - ON Semiconductor LC75897PW Datasheet HTML 2Page - ON Semiconductor LC75897PW Datasheet HTML 3Page - ON Semiconductor LC75897PW Datasheet HTML 4Page - ON Semiconductor LC75897PW Datasheet HTML 5Page - ON Semiconductor LC75897PW Datasheet HTML 6Page - ON Semiconductor LC75897PW Datasheet HTML 7Page - ON Semiconductor LC75897PW Datasheet HTML 8Page - ON Semiconductor LC75897PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LC75897PW
http://www.onsemi.com
3
Electrical Characteristics for the Allowable Operating Ranges
Parameter
Symbol
Pin
Conditions
Ratings
unit
min
typ
max
Hysteresis
VH
CE, CL, DI, INH
0.1VDD
V
Input high-level current
IIH1
CE, CL, DI, INH
VI = 6.0V
5.0
A
IIH2
OSC
VI = VDD
External clock operating mode
5.0
Input low-level current
IIL1
CE, CL, DI, INH
VI = 0V
-5.0
A
IIL2
OSC
VI = 0V
External clock operating mode
-5.0
Output high-level voltage
VOH1
S1 to S129
IO = -20A
VLCD0-0.9
V
VOH2
COM1 to COM4
IO = -100A
VLCD0-0.9
VOH3
P1 to P8
IO = -1mA
VLCD-0.9
Output low-level voltage
VOL1
S1 to S129
IO = 20A
0.9
V
VOL2
COM1 to COM4
IO = 100A
0.9
VOL3
P1 to to P8
IO = 1mA
0.9
Output middle-level
voltage *1
VMID1
COM1 to COM4
1/2 bias, IO = ±100A
1/2VLCD0
-0.9
1/2VLCD0
+0.9
V
VMID2
S1 to S129
1/3 bias, IO = ±20A
2/3VLCD0
-0.9
2/3VLCD0
+0.9
VMID3
S1 to S129
1/3 bias, IO = ±20A
1/3VLCD0
-0.9
1/3VLCD0
+0.9
VMID4
COM1 to COM4
1/3 bias, IO = ±100A
2/3VLCD0
-0.9
2/3VLCD0
+0.9
VMID5
COM1 to COM4
1/3 bias, IO = ±100A
1/3VLCD0
-0.9
1/3VLCD0
+0.9
Oscillator frequency
fOSC
OSC
RC oscillator operating mode
ROSC = 10k
COSC = 470pF
210
300
390
kHz
Current drain
IDD1
VDD
Power-saving mode
10
A
IDD2
VDD
VDD = 6.0V, output open,
fOSC = 300kHz
700
1400
ILCD1
VLCD
Power-saving mode
15
ILCD2
VLCD
VLCD = 6.0V, output open,
1/2 bias, fOSC = 300kHz,
VLCD0 = 0.70VLCD to 0.95VLCD
600
1200
ILCD3
VLCD
VLCD = 6.0V, output open,
1/2 bias, fOSC = 300kHz,
VLCD0 = VLCD
500
1000
ILCD4
VLCD
VLCD = 6.0V, output open,
1/3 bias, fOSC = 300kHz,
VLCD0 = 0.70VLCD to 0.95VLCD
450
900
ILCD5
VLCD
VLCD = 6.0V, output open,
1/3 bias, fOSC = 300kHz,
VLCD0 = VLCD
350
700
Note: *1 Excluding the bias voltage generation divider resistors built in the VLCD0, VLCD1, VLCD2, and VSS.
(See Figure 1.)
To the common and segment drivers
Figure 1
VLCD2
VLCD1
Except these resistors.
CONTRAST
ADJUSTER
VLCD0
VLCD
VSS
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LC75897PW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC75897PW SANYO-LC75897PW Datasheet
318Kb / 34P
   1/3, 1/4-Duty General-Purpose LCD Display Driver
logo
ON Semiconductor
LC75897PW-E ONSEMI-LC75897PW-E Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
More results

Similar Description - LC75897PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC75814V ONSEMI-LC75814V Datasheet
126Kb / 14P
   Duty General-Purpose LCD Driver
October, 2013
LC75839PW ONSEMI-LC75839PW Datasheet
214Kb / 27P
   Duty General-Purpose LCD Driver
July, 2013
LC75829PW ONSEMI-LC75829PW Datasheet
357Kb / 23P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75847T ONSEMI-LC75847T_17 Datasheet
501Kb / 28P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75813E ONSEMI-LC75813E Datasheet
295Kb / 26P
   Duty General-Purpose LCD Driver
October, 2013
LC75843UGA ONSEMI-LC75843UGA Datasheet
220Kb / 35P
   Duty General-Purpose LCD Driver
January, 2014
LC75839PW ONSEMI-LC75839PW_17 Datasheet
270Kb / 27P
   Duty General-Purpose LCD Driver
June 2017 - Rev. 1
LC75843UGA ONSEMI-LC75843UGA_17 Datasheet
303Kb / 35P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 3
LC75878W ONSEMI-LC75878W_17 Datasheet
370Kb / 36P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75897W ONSEMI-LC75897W Datasheet
352Kb / 33P
   Duty General-Purpose LCD Driver
July 2017 - Rev. 1
LC75838W ONSEMI-LC75838W Datasheet
214Kb / 36P
   Duty General-Purpose LCD Driver
January 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com