Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC05132C01NMT Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC05132C01NMT
Description  Protection IC with integrated Power MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC05132C01NMT Datasheet(HTML) 2 Page - ON Semiconductor

  LC05132C01NMT Datasheet HTML 1Page - ON Semiconductor LC05132C01NMT Datasheet HTML 2Page - ON Semiconductor LC05132C01NMT Datasheet HTML 3Page - ON Semiconductor LC05132C01NMT Datasheet HTML 4Page - ON Semiconductor LC05132C01NMT Datasheet HTML 5Page - ON Semiconductor LC05132C01NMT Datasheet HTML 6Page - ON Semiconductor LC05132C01NMT Datasheet HTML 7Page - ON Semiconductor LC05132C01NMT Datasheet HTML 8Page - ON Semiconductor LC05132C01NMT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LC05132C01NMT
www.onsemi.com
2
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
Between PAC+ and VCC : R1=680
0.3 to 12.0
V
S1 - S2 voltage
VS1-S2
24.0
V
CS terminal Input voltage
CS
VCC
24.0 to VCC+0.3
V
Charge or discharge current
BAT
, PAC
10.0
A
RSTB Input voltage
RSTB
0.3 to 7
V
Storage temperature
Tstg
55 to +125
C
Current between S1 and S2(DC)
ID
VCC = 3.7V
10.0
A
Current between S1 and S2
(continuous pulse)
IDP
Pulse Width<10us, duty cycle<1%
35
A
Operating ambient temperature
Topr
40 to +100
C
Allowable power dissipation
Pd
Glass epoxy four-layer board
Board size L=38.7mm W=4.4mm H=1.6mm
450
mW
Junction temperature
Tj
125
C
Caution 1) Absolute maximum ratings represent the values which cannot be exceeded at any given time.
Caution 2) If you intend to use this IC continuously under high temperature, high current, high voltage, or drastic temperature change, even if it is used within
the range of absolute maximum ratings or operating conditions, there is a possibility of decrease reliability. Please contact us for confirmation.
Example of Application Circuit
Controller IC
S1
S2
CS
R2
R1
C1
VCC
RSTB
Battery
PAC+
PAC-
VSS
RSTB
VCC
R3
Components
Recommended value
MAX
unit
Description
R1
680
1k
R2
1k
2k
R3
1k
2k
C1
1.0µ
-
F
* We don’t guarantee the characteristics of the circuit shown above.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - LC05132C01NMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
More results

Similar Description - LC05132C01NMT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05132C01MT ONSEMI-LC05132C01MT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
February 2015 - Rev. 2
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
LC05111CMT ONSEMI-LC05111CMT Datasheet
351Kb / 17P
   Protection IC with integrated Power MOS FET
January 2015 - Rev. 2
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
   LI-ION PROTECTION IC WITH POWER MOS
logo
Rohm
BD906XX ROHM-BD906XX Datasheet
1Mb / 37P
   Integrated Pch POWER MOS FET
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com