Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-1020-FBA-JD-BA Datasheet(PDF) 7 Page - ON Semiconductor

Part # KAI-1020-FBA-JD-BA
Description  Interline CCD Image Sensor
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-1020-FBA-JD-BA Datasheet(HTML) 7 Page - ON Semiconductor

Back Button KAI-1020-FBA-JD-BA Datasheet HTML 3Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 4Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 5Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 6Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 7Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 8Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 9Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 10Page - ON Semiconductor KAI-1020-FBA-JD-BA Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
KAI−1020
www.onsemi.com
7
Leadless Chip Carrier
Figure 5. LCC Package Pin Description (Top View)
116
17
64
32
33
48
49
8
24
40
56
R2
S2A
S2B
H2BR
H1BR
GND
H1S
H2S
GND
H1BL
H2BL
S1B
S1A
R1
T1
VDD
V1IN
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
Table 5. PIN DESCRIPTION
Pin
Label
Function
1
V2IN
VCCD Gate Phase 2 Input
2
VSUB
Substrate Voltage Input
3
V2LOW
VCCD Phase 2 Clock Driver Low
4
V2OUT
VCCD Phase 2 Clock Driver Output
5
V2MID
VCCD Phase 2 Clock Driver Mid
6
V2HIGH
VCCD Phase 2 Clock Driver High
7
V2A
VCCD Phase 2 Clock Driver Input A
8
N/C
No Connect
9
V2S9
VCCD Phase 2 Clock Driver +9 V
10
V2S5
VCCD Phase 2 Clock Driver +5 V Fast Dump Clock Driver +5 V
11
V2B
VCCD Phase 2 Clock Driver Input B
12
FD
Fast Dump Clock Driver Input


Similar Part No. - KAI-1020-FBA-JD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-1003 ONSEMI-KAI-1003 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-AAA-CR-AE ONSEMI-KAI-1003-AAA-CR-AE Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-AAA-CR-B2 ONSEMI-KAI-1003-AAA-CR-B2 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-ABA-CD-AE ONSEMI-KAI-1003-ABA-CD-AE Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
KAI-1003-ABA-CD-B2 ONSEMI-KAI-1003-ABA-CD-B2 Datasheet
240Kb / 23P
   Interline CCD Image Sensor
November, 2015 ??Rev. 2
More results

Similar Description - KAI-1020-FBA-JD-BA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com