Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC05132C01MT Datasheet(PDF) 4 Page - ON Semiconductor

Part # LC05132C01MT
Description  Protection IC with integrated Power MOS FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC05132C01MT Datasheet(HTML) 4 Page - ON Semiconductor

  LC05132C01MT Datasheet HTML 1Page - ON Semiconductor LC05132C01MT Datasheet HTML 2Page - ON Semiconductor LC05132C01MT Datasheet HTML 3Page - ON Semiconductor LC05132C01MT Datasheet HTML 4Page - ON Semiconductor LC05132C01MT Datasheet HTML 5Page - ON Semiconductor LC05132C01MT Datasheet HTML 6Page - ON Semiconductor LC05132C01MT Datasheet HTML 7Page - ON Semiconductor LC05132C01MT Datasheet HTML 8Page - ON Semiconductor LC05132C01MT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LC05132C01MT
www.onsemi.com
4
Continued from preceding page.
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Resistance
ON resistance 1 of
Ron1
VCC=3.1V
Ta=25°C
10.4
13
18.2
m
integrated power MOS FET
I=±2.0A
ON resistance 2 of
Ron2
VCC=3.7V
Ta=25°C
9.6
12
15.6
m
integrated power MOS FET
I=±2.0A
ON resistance 3 of
Ron3
VCC=4.0V
Ta=25°C
9.2
11.6
15
m
integrated power MOS FET
I=±2.0A
ON resistance 4 of
Ron4
VCC=4.5V
Ta=25°C
8.8
11.2
14
m
integrated power MOS FET
I=±2.0A
Internal resistance (VCC-CS)
Rcsu
VCC=Vuv_set
CS=0V
Ta=25°C
300
k
Internal resistance (VSS-CS)
Rcsd
VCC=3.7V
CS=0.1V
Ta=25°C
15
k
Detection and Release delay time
Over-charge detection delay time
Tov
Ta=25°C
0.8
1
1.2
sec
Ta=
30 to 70°C
0.6
1
1.5
Over-charge release delay time
Tovr
Ta=25°C
12.8
16
19.2
ms
Ta=
30 to 70°C
9.6
16
24
Over-discharge detection delay time
Tuv
Ta=25°C
14
20
26
ms
Ta=
30 to 70°C
12
20
30
Over-discharge release delay time
Tuvr
Ta=25°C
0.9
1.1
1.3
ms
Ta=
30 to 70°C
0.6
1.1
1.5
Discharge over-current
detection delay time 1
Toc1
VCC=3.7V
Ta=25°C
9.6
12
14.4
ms
Ta=
30 to 70°C
7.2
12
18
Discharge over-current
release delay time 1
Tocr1
VCC=3.7V
Ta=25°C
3.2
4
4.8
ms
Ta=
30 to 70°C
2.4
4
6
Discharge over-current
detection delay time 2 (Short circuit)
Toc2
VCC=3.7V
Ta=25°C
130
200
320
us
Ta=
30 to 70°C
100
200
350
Charge Over-current
detection delay time
Toch
VCC=3.7V
Ta=25°C
12.8
16
19.2
ms
Ta=
30 to 90°C
9.6
16
24
Charge Over-current
release delay time
Tochr
VCC=3.7V
Ta=25°C
3.2
4
4.8
ms
Ta=-30 to 90°C
2.4
4
6
Reset release time
Tres
VCC=3.7V
Ta=25°C
4
5
6
s
Ta=
30 to 70°C
3
5
7.5
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LC05132C01MT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05132C01NMT ONSEMI-LC05132C01NMT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
March 2015 - Rev. 1
More results

Similar Description - LC05132C01MT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC05132C01NMT ONSEMI-LC05132C01NMT Datasheet
447Kb / 16P
   Protection IC with integrated Power MOS FET
March 2015 - Rev. 1
LC05112CMT ONSEMI-LC05112CMT Datasheet
281Kb / 15P
   Protection IC with integrated Power MOS FET
September 2014 - Rev. 1
LC05111CMT ONSEMI-LC05111CMT Datasheet
351Kb / 17P
   Protection IC with integrated Power MOS FET
January 2015 - Rev. 2
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
   LI-ION PROTECTION IC WITH POWER MOS
logo
Rohm
BD906XX ROHM-BD906XX Datasheet
1Mb / 37P
   Integrated Pch POWER MOS FET
BD6040GUL ROHM-BD6040GUL Datasheet
210Kb / 2P
   Charger Protection IC with Internal FET
logo
ON Semiconductor
NUS1204MN ONSEMI-NUS1204MN Datasheet
59Kb / 5P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
NUS2045MN ONSEMI-NUS2045MN Datasheet
129Kb / 12P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 4
NUS3046MN ONSEMI-NUS3046MN Datasheet
138Kb / 7P
   Overvoltage Protection IC with Integrated MOSFET
June, 2006 ??Rev. 1
logo
Anpec Electronics Corop...
APL3206 ANPEC-APL3206 Datasheet
314Kb / 19P
   Li Charger Protection IC with Integrated P-MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com