Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4H0016 Datasheet(PDF) 10 Page - ON Semiconductor

Part # 4H0016
Description  FULL FRAME CCD IMAGE SENSOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

4H0016 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button 4H0016 Datasheet HTML 6Page - ON Semiconductor 4H0016 Datasheet HTML 7Page - ON Semiconductor 4H0016 Datasheet HTML 8Page - ON Semiconductor 4H0016 Datasheet HTML 9Page - ON Semiconductor 4H0016 Datasheet HTML 10Page - ON Semiconductor 4H0016 Datasheet HTML 11Page - ON Semiconductor 4H0016 Datasheet HTML 12Page - ON Semiconductor 4H0016 Datasheet HTML 13Page - ON Semiconductor 4H0016 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
KAF-1001 Image Sensor
www.truesenseimaging.com
Revision 1.1 PS-0033 Pg 10
Imaging Performance
TYPICAL OPERATIONAL CONDITIONS
All values derived using nominal operating conditions with the recommended timing. Correlated doubling sampling of
the output is assumed and recommended. Many units are expressed in electrons: to convert to voltage, multiply by
the amplifier sensitivity.
SPECIFICATIONS
Electro-Optical
Description
Symbol
Min
Nom
Max
Units
Notes
Verification Plan
Optical Fill Factor
F F
100
%
Photoresponse Non-uniformity
PRNU
5
% rms
Full Array
die
10
Quantum Efficiency (450, 550, 650 nm)
QE
design
11
CCD Parameters Common to Both Outputs
Description
Symbol
Min
Nom
Max
Units
Notes
Verification Plan
Sat. Signal - Vccd Register
Ne
-
sat
450
500
ke
-
2
design
11
Dark Current
Jd
15.3
550
30
1080
pA/cm
2
e
-/pixel/sec
25 °C
(mean of all pixels)
die
10
Dark Current Doubling Temp
DCDR
5
6
7
°C
design
11
Dark Signal Non-uniformity
DSNU
1080
e
-/pix/sec
4
die
10
Charge Transfer Efficiency
CTE
.99997
5
die
10
V-H CCD Transfer Time
tVH
32
µs
6,7
design
11
Blooming Suppression
Bs
none
CCD Parameters Specific to High Output Amplifier
Description
Symbol
Min
Nom
Max
Units
Notes
Verification Plan
Output Sensitivity
Vout/Ne
-
9
11
µV/electron
design
11
Sat. Signal
Ne
-
sat
180
200
240
ke
-
1
design
11
Total Sensor Noise
ne
-
total
13
20
e
- rms
8
design
11
Horizontal CCD Frequency:
fH
2
5
MHz
6
design
11
Dynamic Range:
DR
79
83
dB
9
design
11
CCD Parameters Specific to Low Gain (High Dynamic Range) Output Amplifier
Description
Symbol
Min
Nom
Max
Units
Notes
Verification Plan
Output Sensitivity
Vout/Ne
-
1.7
2
µV/electron
die
10
Sat. Signal
Ne
-
sat
1400
1500
1800
ke
-
3
design
11
Total Sensor Noise
ne
-
total
22
30
e
- rms
8
die
10
Horizontal CCD Frequency:
fH
0.5
2
MHz
6
design
11
Dynamic Range :
DR
93
97
dB
9
design
11


Similar Part No. - 4H0016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
4H0260 ONSEMI-4H0260 Datasheet
1Mb / 51P
   INTERLINE CCD IMAGE SENSOR
REVISION 3.0
4H0261 ONSEMI-4H0261 Datasheet
1Mb / 51P
   INTERLINE CCD IMAGE SENSOR
REVISION 3.0
4H0402 ONSEMI-4H0402 Datasheet
1Mb / 51P
   INTERLINE CCD IMAGE SENSOR
REVISION 3.0
logo
Cooper Bussmann, Inc.
4H07-660 COOPER-4H07-660 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
More results

Similar Description - 4H0016

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com