Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITS-31030-A-BR Datasheet(PDF) 2 Page - Glenair, Inc.

Part # ITS-31030-A-BR
Description  Rear Panel Mount Square Flange Receptacle Assembly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

ITS-31030-A-BR Datasheet(HTML) 2 Page - Glenair, Inc.

  ITS-31030-A-BR Datasheet HTML 1Page - Glenair, Inc. ITS-31030-A-BR Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
B-71
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2010 Glenair, Inc.
Printed in U.S.A.
B
ØA
ØB
K
L
M
R
S
+0
+0.2
Shell Size
-0.1
-0
T T hread
10 SL
18.2
2.8
95.0
18.5
18.25
25.4
M4
14 S
24.5
3.3
96.5
18.5
23.00
30.4
M4
16 S
27.2
3.3
96.5
18.5
24.60
32.5
M4
16
27.2
3.3
108.0
23.2
24.60
32.5
M4
18
30.7
4.0
108.0
23.2
27.00
35.0
M4
20
34.0
4.0
108.0
23.2
29.40
38.0
M4
22
37.3
4.0
108.0
23.2
31.75
41.0
M4
24
40.9
4.0
109.5
23.2
34.90
44.5
M4
28
46.7
4.0
116.0
24.4
39.70
50.9
M5
32
53.4
4.0
121.5
24.2
44.45
57.0
M5
36
59.6
4.0
127.0
24.2
49.20
63.5
M5
40
65.5
4.0
127.0
24.4
55.55
69.9
M5
+0.2
±0.1
±0.1
±0.2
Max.
ØB
ØQ
Part Number
Shell Size
A T hre ad
±0.1
±0.2
IT 37267-10BR1712
10SL
0.6250 - 24UNEF
10.5
20.0
IT 37267-18BR2722
18
1.0000 - 20UNEF
20.5
30.0
IT 37267-20BR1712
20 - 22
1.1875 - 18UNEF
10.5
34.0
IT 37267-20BR2722
20 - 22
1.1875 - 18UNEF
20.5
34.0
IT 37267-20BR2833
20 - 22
1.1875 - 18UNEF
31.5
42.0
IT 37267-28BR2520
24 - 28
1.4375 - 18UNEF
16.5
45.0
IT 37267-28BR2722
24 - 28
1.4375 - 18UNEF
20.5
45.0
IT 37267-28BR3126
24 - 28
1.4375 - 18UNEF
22.5
45.0
IT 37267-28BR3328
24 - 28
1.4375 - 18UNEF
26.5
45.0
IT 37267-28BR3530
24 - 28
1.4375 - 18UNEF
26.5
45.0
IT 37267-28BR3833
24 - 28
1.4375 - 18UNEF
31.5
45.0
IT 37267-28BR5045
24 - 28
1.4375 - 18UNEF
36.2
45.0
IT 37267-32BR3126
32
1.7500 - 18UNS
24.5
53.0
IT 37267-32BR3328
32
1.7500 - 18UNS
26.5
53.0
IT 37267-32BR3833
32
1.7500 - 18UNS
31.5
53.0
IT 37267-32BR4035
32
1.7500 - 18UNS
31.5
53.0
IT 37267-32BR5045
32
1.7500 - 18UNS
40.0
53.0
IT 37267-36BR3530
36
2.0000 - 18UNS
26.5
57.4
IT 37267-36BR3833
36
2.0000 - 18UNS
31.5
57.4
IT 37267-36BR4035
36
2.0000 - 18UNS
31.5
57.4
IT 37267-36BR5045
36
2.0000 - 18UNS
43.5
57.4
IT 37267-40BR4136
40
2.2500 - 16UN
31.5
63.0
IT 37267-40BR4540
40
2.2500 - 16UN
38.5
63.0
IT 37267-40BR5045
40
2.2500 - 16UN
43.5
63.0
IT 37267-40BR5550
40
2.2500 - 16UN
48.5
63.0
TABLE I: DIMENSIONS
ITS 31030 A (BR) and ITS 41030 A (BR)
Rear Panel Mount Square Flange Receptacle Assembly
with Backshell for Termination of UNI4883 Rubber Conduit
TABLE III: BACKSHELL DIMENSIONS
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
ITS 3100 A (BR) and ITS 4100 A (BR)
Front Panel Mount Square Flange Receptacle Assembly
with Backshell for Termination of UNI4883 Rubber Conduits
TABLE III: BACKSHELL DIMENSIONS
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
ø Min.
In accordance with UNI 4883
ø Max.
17.0
12.0
17.0
12.0
27.0
22.0
27.0
22.0
33.0
28.0
25.0
20.0
27.0
22.0
31.0
26.0
33.0
28.0
35.0
30.0
38.0
33.0
50.0
45.0
31.0
26.0
33.0
28.0
38.0
33.0
40.0
35.0
50.0
45.0
35.0
30.0
38.0
33.0
40.0
35.0
50.0
45.0
41.0
36.0
45.0
40.0
50.0
45.0
55.0
50.0
132
Raccordo BR
BR adaptor
Termination for UNI4883 rubber conduits.
Terminale per tubi in gomma telata rispondenti
a UNI4883.
IT 37267 - XX BR_ _
20
15
50
Codice Commital
Dim. Guscio
Fil. A
ØB
ØQ
Commital P.N.
She ll size
A thre ad
±0.1
±0.2
IT 37267-10BR1712
10SL
0.6250 - 24UNEF
10.5
20.0
IT 37267-18BR2722
18
1.0000 - 20UNEF
20.5
30.0
IT 37267-20BR1712
20 - 22
1.1875 - 18UNEF
10.5
34.0
IT 37267-20BR2722
20 - 22
1.1875 - 18UNEF
20.5
34.0
IT 37267-20BR2833
20 - 22
1.1875 - 18UNEF
31.5
42.0
IT 37267-28BR2520
24 - 28
1.4375 - 18UNEF
16.5
45.0
IT 37267-28BR2722
24 - 28
1.4375 - 18UNEF
20.5
45.0
IT 37267-28BR3126
24 - 28
1.4375 - 18UNEF
22.5
45.0
IT 37267-28BR3328
24 - 28
1.4375 - 18UNEF
26.5
45.0
IT 37267-28BR3530
24 - 28
1.4375 - 18UNEF
26.5
45.0
IT 37267-28BR3833
24 - 28
1.4375 - 18UNEF
31.5
45.0
IT 37267-28BR5045
24 - 28
1.4375 - 18UNEF
36.2
45.0
IT 37267-32BR3126
32
1.7500 - 18UNS
24.5
53.0
IT 37267-32BR3328
32
1.7500 - 18UNS
26.5
53.0
IT 37267-32BR3833
32
1.7500 - 18UNS
31.5
53.0
IT 37267-32BR4035
32
1.7500 - 18UNS
31.5
53.0
IT 37267-32BR5045
32
1.7500 - 18UNS
40.0
53.0
IT 37267-36BR3530
36
2.0000 - 18UNS
26.5
57.4
IT 37267-36BR3833
36
2.0000 - 18UNS
31.5
57.4
IT 37267-36BR4035
36
2.0000 - 18UNS
31.5
57.4
IT 37267-36BR5045
36
2.0000 - 18UNS
43.5
57.4
IT 37267-40BR4136
40
2.2500 - 16UN
31.5
63.0
IT 37267-40BR4540
40
2.2500 - 16UN
38.5
63.0
IT 37267-40BR5045
40
2.2500 - 16UN
43.5
63.0
IT 37267-40BR5550
40
2.2500 - 16UN
48.5
63.0
ØQ
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
ø Min.
In accordance with UNI 4883
ø Max.
17.0
12.0
17.0
12.0
27.0
22.0
27.0
22.0
33.0
28.0
25.0
20.0
27.0
22.0
31.0
26.0
33.0
28.0
35.0
30.0
38.0
33.0
50.0
45.0
31.0
26.0
33.0
28.0
38.0
33.0
40.0
35.0
50.0
45.0
35.0
30.0
38.0
33.0
40.0
35.0
50.0
45.0
41.0
36.0
45.0
40.0
50.0
45.0
55.0
50.0
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
U.S. CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
© 2006 Glenair, Inc.
Printed in U.S.A.
TABLE I: DIMENSIONS
TABLE III: BACKSHELL DIMENSIONS
ITS 3101 A (BR) and ITS 4101 A (BR)
In-Line Cylindrical Receptacle with Backshell
for Termination of UNI4883 Rubber Conduits
ø Min.
In accordance with UNI 4883
ø Max.
17.0
12.0
17.0
12.0
27.0
22.0
27.0
22.0
33.0
28.0
25.0
20.0
27.0
22.0
31.0
26.0
33.0
28.0
35.0
30.0
38.0
33.0
50.0
45.0
31.0
26.0
33.0
28.0
38.0
33.0
40.0
35.0
50.0
45.0
35.0
30.0
38.0
33.0
40.0
35.0
50.0
45.0
41.0
36.0
45.0
40.0
50.0
45.0
55.0
50.0
Rubber tube in accordance with
UNI 4883 to be used by size:
Ø Min
Ø Max


Similar Part No. - ITS-31030-A-BR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS-31030-A-M GLENAIR-ITS-31030-A-M Datasheet
164Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-N0 GLENAIR-ITS-31030-A-N0 Datasheet
115Kb / 2P
   Rear Panel Mount Square Flange Receptacle
ITS-31030-A-N5 GLENAIR-ITS-31030-A-N5 Datasheet
121Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PG GLENAIR-ITS-31030-A-PG Datasheet
165Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PHM GLENAIR-ITS-31030-A-PHM Datasheet
227Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
More results

Similar Description - ITS-31030-A-BR

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
ITS31038A GLENAIR-ITS31038A Datasheet
916Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-RS GLENAIR-ITS-31030-RS Datasheet
168Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-SP GLENAIR-ITS-31030-SP Datasheet
305Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030A GLENAIR-ITS31030A Datasheet
1Mb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS31030G GLENAIR-ITS31030G Datasheet
771Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A GLENAIR-ITS-31030-A Datasheet
305Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PG GLENAIR-ITS-31030-A-PG Datasheet
165Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-A-PHM-EMI67 GLENAIR-ITS-31030-A-PHM-EMI67 Datasheet
175Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31038-A GLENAIR-ITS-31038-A Datasheet
188Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-GR GLENAIR-ITS-31030-GR Datasheet
352Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
ITS-31030-G GLENAIR-ITS-31030-G Datasheet
343Kb / 2P
   Rear Panel Mount Square Flange Receptacle Assembly
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com