Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N22 Datasheet(PDF) 2 Page - Micropac Industries

Part # 4N22
Description  JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

4N22 Datasheet(HTML) 2 Page - Micropac Industries

  4N22 Datasheet HTML 1Page - Micropac Industries 4N22 Datasheet HTML 2Page - Micropac Industries 4N22 Datasheet HTML 3Page - Micropac Industries 4N22 Datasheet HTML 4Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MICROPAC INDUSTRIES, INC. OPTOELECTRONIC PRODUCTS DIVISION • 725 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 487-6918
www.micropac.com
E-MAIL: optosales@micropac.com
3 - 8
4N22, 4N23, and 4N24
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
*ELECTRICAL CHARACTERISTICS INPUT LED
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Input Diode Static Reverse Current
IR
100
µA
VR = 2V
Input Diode Static Forward Voltage
-55°C
+25°C
+125°C
VF
1
0.8
0.7
1.5
1.3
1.2
VIF = 10mA
*OUTPUT TRANSISTOR
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
Collector-Base Breakdown Voltage
V(BR)CBO
35
V
IC = 100µA, IB = 0, IF = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
35
V
IC = 1mA, IB = 0, IF = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
4V
IC = 0, IE = 100µA, IF = 0
*COUPLED CHARACTERISTICS
TA = 25°C Unless otherwise specified
PARAMETER
SYMBOL
MIN
MAX
UNITS
TEST CONDITIONS
NOTE
On State Collector Current
4N22
4N23
4N24
IC(ON)
0.15
0.2
0.4
mA
VCE = 5V, IB = 0, IF = 2mA
On State Collector Current
4N22
4N23
4N24
IC(ON)
2.5
6
10
mA
VCE = 5V, IB = 0, IF = 10mA
On State Collector Current
4N22
-55°C
4N23
4N24
IC(ON)
1
2.5
4
mA
VCE = 5V, IB = 0, IF = 10mA
On State Collector Current
4N22
+100°C
4N23
4N24
IC(ON)
1
2.5
4
mA
VCE = 5V, IB = 0, IF = 10mA
Off State Collector Current
+25°CIC(OFF)
100
nA
VCE = 20V, IB = 0, IF = 0mA
Off State Collector Current +100°CIC(OFF)
100
µAVCE = 20V, IB = 0, IF = 0mA
Collector-Emitter Saturation Voltage
4N22
4N23
4N24
VCE(SAT)
VCE(SAT)
VCE(SAT)
0.3
0.3
0.3
V
V
V
IC = 2.5mA, IB = 0, IF = 20mA
IC = 5mA, IB = 0, IF = 20mA
IC = 10mA, IB = 0, IF = 20mA
Input to Output Resistance
ALL
RI-O
10
11
VIN-OUT = 1kV
1
Input to Output Capacitance
ALL
CI-O
5
pF
F = 1MHz, VIN-OUT = 1kV
1
Rise Time
4N22
4N23
4N24
tr
tr
tr
15
15
20
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100
Fall Time
4N22
4N23
4N24
tf
tf
tf
15
15
20
µs
µs
µs
VCC = 10V, IF = 10mA, RL = 100
NOTES:
1.
These parameters are measured between all phototransistor leads shorted together and with both input diode leads shorted together.
4N22, 4N23, and 4N24
JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
RECOMMENDED OPERATING CONDITIONS:


Similar Part No. - 4N22

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
4N22 OPTEK-4N22 Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
TT Electronics.
4N22 TTELEC-4N22 Datasheet
349Kb / 6P
   Hi-Reliability Optically Coupled Isolator
logo
Micropac Industries
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
OPTEK Technologies
4N22A OPTEK-4N22A Datasheet
206Kb / 6P
   Hi-Reliability Optically Coupled Isolator
More results

Similar Description - 4N22

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
4N47 MICROPAC-4N47 Datasheet
91Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N22A MICROPAC-4N22A Datasheet
88Kb / 3P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
4N47A MICROPAC-4N47A Datasheet
88Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
New Jersey Semi-Conduct...
4N22A NJSEMI-4N22A Datasheet
259Kb / 2P
   JAN, JANTX, JANTXV, SINGLE CHANNEL OPTOCOUPLERS
logo
Micropac Industries
JANTXV4N49U MICROPAC-JANTXV4N49U Datasheet
51Kb / 2P
   JAN, JANTX, JANTXV, AND JANS OPTOCOUPLERS
66229 MICROPAC-66229 Datasheet
193Kb / 3P
   CONSTANT CURRENT TRANSFER RATIO, SINGLE CHANNEL OPTOCOUPLERS, SCREENED TO JAN, JANTX, JANTXV
logo
List of Unclassifed Man...
JAN1N4454 ETC2-JAN1N4454 Datasheet
38Kb / 2P
   1N4454 and IN4454-1 AVAILABLE IN JAN, JANTX, AND JANTXV
logo
Micropac Industries
62035 MICROPAC-62035 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
logo
Microsemi Corporation
JAN1N3064 MICROSEMI-JAN1N3064 Datasheet
90Kb / 1P
   1N3064 AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/144
logo
Micropac Industries
62041 MICROPAC-62041 Datasheet
54Kb / 2P
   JAN AND JANTX QUALIFIED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com