Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LC4M4E9 Datasheet(PDF) 7 Page - Micron Technology

Part # MT4LC4M4E9
Description  4 MEG x 4 EDO DRAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E9 Datasheet(HTML) 7 Page - Micron Technology

Back Button MT4LC4M4E9 Datasheet HTML 3Page - Micron Technology MT4LC4M4E9 Datasheet HTML 4Page - Micron Technology MT4LC4M4E9 Datasheet HTML 5Page - Micron Technology MT4LC4M4E9 Datasheet HTML 6Page - Micron Technology MT4LC4M4E9 Datasheet HTML 7Page - Micron Technology MT4LC4M4E9 Datasheet HTML 8Page - Micron Technology MT4LC4M4E9 Datasheet HTML 9Page - Micron Technology MT4LC4M4E9 Datasheet HTML 10Page - Micron Technology MT4LC4M4E9 Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
7
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
Icc OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 2, 3)
3.3V
5V
2K
4K
2K
4K
PARAMETER/CONDITION
SYM
SPEED Refresh Refresh Refresh Refresh
UNITS
NOTES
STANDBY CURRENT: TTL
ICC1
ALL
1111
mA
(RAS# = CAS# = VIH)
STANDBY CURRENT: CMOS (non-S version only)
ICC2
ALL
500
500
500
500
µA
(RAS# = CAS# = other inputs = VCC -0.2V)
STANDBY CURRENT: CMOS (S version only)
ICC2
ALL
150
150
150
150
µA
(RAS# = CAS# = other inputs = VCC -0.2V)
OPERATING CURRENT: Random READ/WRITE
-5
110
90
140
120
mA
5, 6
Average power supply current
ICC3
-6
100
80
130
110
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
OPERATING CURRENT: EDO PAGE MODE
-5
110
100
110
100
mA
5, 6
Average power supply current (RAS# = VIL,ICC4
-6
100
90
100
90
CAS#, address cycling: tPC = tPC [MIN])
REFRESH CURRENT: RAS#-ONLY
-5
110
90
140
120
mA
5, 6
Average power supply current
ICC5
-6
100
80
130
110
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
REFRESH CURRENT: CBR
-5
110
90
140
120
mA
5, 7
Average power supply current
ICC6
-6
100
80
130
110
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
REFRESH CURRENT: Extended (S version only)
Average power supply current: CAS# = 0.2V or
ALL
300
300
300
300
µA
5, 7
CBR cycling; RAS# = tRAS (MIN); WE# =
ICC7
VCC -0.2V; A0-A11,OE# and DIN = VCC -0.2V or
tRC
62.5
31.25
62.5
31.25
µs25
0.2V (DIN may be left open)
REFRESH CURRENT: Self (S version only)
Average power supply current: CBR with
RAS#
tRASS (MIN) and CAS# held LOW; WE# =
ICC8
ALL
300
300
300
300
µA
5, 7
VCC -0.2V; A0-A11, OE# and DIN = VCC -0.2V
or 0.2V (DIN may be left open)


Similar Part No. - MT4LC4M4E9

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4A1 MICRON-MT4LC4M4A1 Datasheet
360Kb / 20P
   DRAM
MT4LC4M4A1DJ-6 MICRON-MT4LC4M4A1DJ-6 Datasheet
360Kb / 20P
   DRAM
MT4LC4M4A1DJ-6S MICRON-MT4LC4M4A1DJ-6S Datasheet
360Kb / 20P
   DRAM
MT4LC4M4A1TG-6 MICRON-MT4LC4M4A1TG-6 Datasheet
360Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
More results

Similar Description - MT4LC4M4E9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
AS4LC4M4883C AUSTIN-AS4LC4M4883C Datasheet
191Kb / 20P
   4 MEG x 4 DRAM 3.3V, EDO PAGE MODE
AS4LC4M16 AUSTIN-AS4LC4M16_05 Datasheet
3Mb / 25P
   4 MEG x 16 DRAM Extended Data Out (EDO) DRAM
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT4C4007J MICRON-MT4C4007J Datasheet
992Kb / 14P
   1 MEG x 4 DRAM 5V, EDO PAGE MODE, OPTIONAL SELF REFRESH
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT9LD272A MICRON-MT9LD272A Datasheet
412Kb / 30P
   2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com