Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42051-105 Datasheet(PDF) 3 Page - Micropac Industries

Part # 42051-105
Description  5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

42051-105 Datasheet(HTML) 3 Page - Micropac Industries

  42051-105 Datasheet HTML 1Page - Micropac Industries 42051-105 Datasheet HTML 2Page - Micropac Industries 42051-105 Datasheet HTML 3Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. HYBRID MICROELECTRONICS PRODUCTS DIVISION
• 905 E. Walnut St., Garland, TX 75040 • (972) 272-3571 • Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
05/16/01
42051
NEGATIVE VOLTAGE REGULATORS
Mechanical Configuration
ELECTRICAL CONNECTIONS
Case
VIN
Pin 1
Ground
Pin 2
VOUT


Similar Part No. - 42051-105

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
420510 MOLEX11-420510 Datasheet
39Kb / 1P
   12.00mm Pitch Beau EuroMax Horizontal Plug, 10 Circuits
logo
Turck, Inc.
4205100 TURCK-4205100 Datasheet
313Kb / 3P
   Inductive sensor
11/07/2023
logo
Meder Electronic
4205187075 MEDER-4205187075 Datasheet
79Kb / 2P
   Reed Relay
logo
Standex Electronics, In...
4205187075 STANDEX-4205187075 Datasheet
81Kb / 1P
   MS Series Reed Relay
Version 01
4205187175 STANDEX-4205187175 Datasheet
104Kb / 2P
   StandexMeder reed relay THR SPNO 0.4 A 200 V
Version: 04
More results

Similar Description - 42051-105

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC79M00 MOTOROLA-MC79M00 Datasheet
118Kb / 8P
   THREE-TERMINAL NEGATIVE FIXED VOLTAGE REGULATORS
MC79L00 MOTOROLA-MC79L00 Datasheet
135Kb / 6P
   THREE-TERMINAL LOW CURRENT NEGATIVE FIXED VOLTAGE REGULATORS
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com