Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUM50020EL Datasheet(PDF) 5 Page - Vishay Telefunken

Part # SUM50020EL
Description  N-Channel 60 V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SUM50020EL Datasheet(HTML) 5 Page - Vishay Telefunken

  SUM50020EL Datasheet HTML 1Page - Vishay Telefunken SUM50020EL Datasheet HTML 2Page - Vishay Telefunken SUM50020EL Datasheet HTML 3Page - Vishay Telefunken SUM50020EL Datasheet HTML 4Page - Vishay Telefunken SUM50020EL Datasheet HTML 5Page - Vishay Telefunken SUM50020EL Datasheet HTML 6Page - Vishay Telefunken SUM50020EL Datasheet HTML 7Page - Vishay Telefunken SUM50020EL Datasheet HTML 8Page - Vishay Telefunken SUM50020EL Datasheet HTML 9Page - Vishay Telefunken  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SUM50020EL
www.vishay.com
Vishay Siliconix
S15-1868-Rev. A, 10-Aug-15
5
Document Number: 68587
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Single Pulse Avalanche Current Capability vs. Time
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
1000
0.1
1
10
100
V
DS - Drain- to- Source Voltage (V)
* V
GS > minimum VGS at which R DS(on) is specified
Limited by R
DS(on)*
100 us
I
DM Limited
T
C = 25°C
Single Pulse
BVDSS Limited
1 ms
100 ms
DC
10 ms
I
D Limited
10
100
0.00001
0.0001
0.001
0.01
Time (s)
150 °C
25 °C
10
-4
10
-3
10
-2
10
-1
1
10
100
1000
1
0.01
0.001
0.1
0.0001
Square Wave Pulse Duration (s)


Similar Part No. - SUM50020EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SUM50020EL VISHAY-SUM50020EL Datasheet
188Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
SUM50020EL VISHAY-SUM50020EL_V01 Datasheet
188Kb / 9P
   N-Channel 60 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SUM50020EL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com