Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE44718 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44718
Description  HN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, Watt Meter Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44718 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44718 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44718 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44718 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Plotted and Other Data
Notes:
Values at 25 °C, sea level
HN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, Watt Meter Connector from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: HN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal,
Watt Meter Connector PE44718
URL: http://www.pasternack.com/hn-female-standard-slotted-contact-terminal-connector-pe44718-p.aspx
HN Female Connector Field Replaceable Attachment 4 Hole
Flange Slotted Contact Terminal, Watt Meter Connector
PE44718
PE44718 REV NC


Similar Part No. - PE44718

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4471 PASTERNACK-PE4471 Datasheet
296Kb / 3P
   TNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4471 PASTERNACK-PE4471 Datasheet
345Kb / 3P
   TNC Female Right Angle Bulkhead Mount Connector Solder Attachment
PE44710 PASTERNACK-PE44710 Datasheet
843Kb / 3P
   TNC Male Right Angle Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44711 PASTERNACK-PE44711 Datasheet
852Kb / 3P
   TNC Male Right Angle Precision Connector Solder Attachment For PE-SR402AL, PE-SR402FL, PE-SR402FLJ, RG402
PE44712 PASTERNACK-PE44712 Datasheet
875Kb / 2P
   TNC Female Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
More results

Similar Description - PE44718

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44720 PASTERNACK-PE44720 Datasheet
945Kb / 3P
   BNC Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44722 PASTERNACK-PE44722 Datasheet
949Kb / 3P
   N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.0 Sq. Flange Watt Meter Connector
PE44721 PASTERNACK-PE44721 Datasheet
944Kb / 3P
   N Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44719 PASTERNACK-PE44719 Datasheet
813Kb / 3P
   UHF Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal, 1.24 Sq. Flange Watt Meter Connector
PE44717 PASTERNACK-PE44717 Datasheet
834Kb / 3P
   7/16 DIN Female Connector Field Replaceable Attachment 4 Hole Flange Slotted Contact Terminal,Attachment 4 Hole Flange Slotted Contact Terminal
PE44017 PASTERNACK-PE44017 Datasheet
239Kb / 2P
   SMA Female Right Angle Connector Field Replaceable Attachment 4 Hole Flange 0.018 inch Pin
PE44025 PASTERNACK-PE44025 Datasheet
220Kb / 3P
   SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.018 inch Pin
PE44026 PASTERNACK-PE44026 Datasheet
228Kb / 3P
   SMA Female Connector Field Replaceable Attachment 2 Hole Flange 0.020 inch Pin
PE44027 PASTERNACK-PE44027 Datasheet
220Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.012 inch Pin, .375 inch Flange Size
PE44010 PASTERNACK-PE44010 Datasheet
208Kb / 3P
   SMA Female Connector Field Replaceable Attachment 4 Hole Flange 0.015 inch Pin, .500 inch Flange Size
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com