Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LC16M4A7DJ-6 Datasheet(PDF) 3 Page - Micron Technology

Part # MT4LC16M4A7DJ-6
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC16M4A7DJ-6 Datasheet(HTML) 3 Page - Micron Technology

  MT4LC16M4A7DJ-6 Datasheet HTML 1Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 2Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 3Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 4Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 5Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 6Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 7Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 8Page - Micron Technology MT4LC16M4A7DJ-6 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
16 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D21_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
16 MEG x 4
FPM DRAM
addressed via the address bits. First, the row address is
latched by the RAS# signal, then the column address by
CAS#. Both devices provide FAST-PAGE-MODE opera-
tion, allowing for fast successive data operations (READ,
WRITE, or READ-MODIFY-WRITE) within a given row.
The MT4LC16M4A7 and MT4LC16M4T8 must be
refreshed periodically in order to retain stored data.
FAST PAGE MODE ACCESS
Each location in the DRAM is uniquely addressable
as mentioned in the General Description. The data for
each location is accessed via the four I/O pins (DQ0-
DQ3). The WE# signal must be activated to execute a
WRITE operation; otherwise, a READ operation will be
performed. The OE# signal must be activated to enable
the DQ output drivers for a read access and can be
deactivated to disable output data if necessary.
FAST-PAGE-MODE operations are always initiated
with a row address strobed in by the RAS# signal,
followed by a column address strobed in by CAS#, just
like for single location accesses. However, subsequent
column locations within the row may then be accessed
at the page mode cycle time. This is accomplished by
cycling CAS# while holding RAS# LOW and entering
new column addresses with each CAS# cycle. Returning
RAS# HIGH terminates the FAST-PAGE-MODE opera-
tion.
DRAM REFRESH
The supply voltage must be maintained at the speci-
fied levels, and the refresh requirements must be met in
order to retain stored data in the DRAM. The refresh
requirements are met by refreshing all 8,192 rows (A7)
or all 4,096 rows (T8) in the DRAM array at least once
every 64ms. The recommended procedure is to execute
4,096 CBR REFRESH cycles, either uniformly spaced or
grouped in bursts, every 64ms. The MT4LC16M4A7
internally refreshes two rows for every CBR cycle,
whereas the MT4LC16M4T8 refreshes one row for every
CBR cycle. So with either device, executing 4,096 CBR
cycles covers all rows. The CBR refresh will invoke the
internal refresh counter for automatic RAS# address-
ing. Alternatively, RAS#-ONLY REFRESH capability is
inherently provided. However, with this method only
one row is refreshed at a time; so for the MT4LC16M4A7,
8,192 RAS#-ONLY REFRESH cycles must be executed
every 64ms to cover all rows. Some compatibility issues
may become apparent. JEDEC strongly recommends
the use of CBR REFRESH for this device.
An optional self refresh mode is also available on the
“S” version. The self refresh feature is initiated by
performing a CBR REFRESH cycle and holding RAS#
LOW for the specified tRASS. The “S” option allows for
an extended refresh period of 128ms, or 31.25µs per
row for a 4K refresh and 15.625µs per row for an 8K
refresh, when using a distributed CBR REFRESH. This
refresh rate can be applied during normal operation, as
well as during a standby or battery backup mode.
The self refresh mode is terminated by driving RAS#
HIGH for a minimum time of tRPS. This delay allows for
the completion of any internal refresh cycles that may
be in process at the time of the RAS# LOW-to-HIGH
transition. If the DRAM controller uses a distributed
CBR refresh sequence, a burst refresh is not required
upon exiting self refresh. However, if the DRAM con-
troller utilizes RAS#-ONLY or burst CBR refresh se-
quence, all rows must be refreshed within the average
internal refresh rate prior to the resumption of normal
operation.
STANDBY
Returning RAS# and CAS# HIGH terminates a
memory cycle and decreases chip current to a reduced
standby level. The chip is preconditioned for the next
cycle during the RAS# HIGH time.
GENERAL DESCRIPTION (continued)


Similar Part No. - MT4LC16M4A7DJ-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-5 MICRON-MT4LC16M4G3DJ-5 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-5S MICRON-MT4LC16M4G3DJ-5S Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-6 MICRON-MT4LC16M4G3DJ-6 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-6S MICRON-MT4LC16M4G3DJ-6S Datasheet
386Kb / 22P
   DRAM
More results

Similar Description - MT4LC16M4A7DJ-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com