Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LC4M4B1DJ-6S Datasheet(PDF) 7 Page - Micron Technology

Part # MT4LC4M4B1DJ-6S
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4B1DJ-6S Datasheet(HTML) 7 Page - Micron Technology

Back Button MT4LC4M4B1DJ-6S Datasheet HTML 3Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 4Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 5Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 6Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 7Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 8Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 9Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 10Page - Micron Technology MT4LC4M4B1DJ-6S Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
4 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D49_5V.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
4 MEG x 4
FPM DRAM
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12) [Vcc (MIN)
£ Vcc £ Vcc (MAX)]
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Refresh period “S” version
tREF
128
128
ms
140
RAS# precharge time
tRP
30
40
ns
RAS# to CAS# precharge time
tRPC
5
5
ns
RAS# precharge time exiting Self Refresh
tRPS
90
105
ns
READ command hold time (referenced to RAS#)
tRRH
0
0
ns
16
RAS# hold time
tRSH
13
15
ns
READ-WRITE cycle time
tRWC
116
140
ns
RAS# to WE# delay time
tRWD
67
79
ns
19
WRITE command to RAS# lead time
tRWL
13
15
ns
Transition time (rise or fall)
tT2
50
2
50
ns
WRITE command hold time
tWCH
8
10
ns
WRITE command hold time (referenced to RAS#)
tWCR
38
45
ns
WE# command setup time
tWCS
0
0
ns
18
WRITE command pulse width
tWP
5
5
ns
WE# hold time (CBR Refresh)
tWRH
8
10
ns
4, 23
WE# setup time (CBR Refresh)
tWRP
8
10
ns
4, 23


Similar Part No. - MT4LC4M4B1DJ-6S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4LC4M4E8DJ MICRON-MT4LC4M4E8DJ Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4LC4M4E8DJS MICRON-MT4LC4M4E8DJS Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4LC4M4E8TG MICRON-MT4LC4M4E8TG Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT4LC4M4E8TGS MICRON-MT4LC4M4E8TGS Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
More results

Similar Description - MT4LC4M4B1DJ-6S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com