Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LC4M16N3TG-5 Datasheet(PDF) 6 Page - Micron Technology

Part # MT4LC4M16N3TG-5
Description  DRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M16N3TG-5 Datasheet(HTML) 6 Page - Micron Technology

Back Button MT4LC4M16N3TG-5 Datasheet HTML 2Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 3Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 4Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 5Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 6Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 7Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 8Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 9Page - Micron Technology MT4LC4M16N3TG-5 Datasheet HTML 10Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
4 Meg x 16 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D29_C.p65 – Rev. 2/01
©2001, Micron Technology, Inc.
4 MEG x 16
EDO DRAM
two methods to disable the outputs and keep them
disabled during the CAS# HIGH time. The first method
is to have OE# HIGH when CAS# transitions HIGH and
keep OE# HIGH for tOEHC thereafter. This will disable
the DQs, and they will remain disabled (regardless of
the state of OE# after that point) until CAS# falls again.
The second method is to have OE# LOW when CAS#
transitions HIGH and then bring OE# HIGH for a
minimum of tOEP anytime during the CAS# HIGH
period. This will disable the DQs, and they will remain
disabled (regardless of the state of OE# after that point)
until CAS# falls again (see Figure 3). During other
cycles, the outputs are disabled at tOFF time after RAS#
and CAS# are HIGH or at tWHZ after WE# transitions
LOW. The tOFF time is referenced from the rising edge
of RAS# or CAS#, whichever occurs last. WE# can also
perform the function of disabling the output drivers
under certain conditions, as shown in Figure 4.
EDO-PAGE-MODE operations are always initiated
with a row address strobed in by the RAS# signal,
followed by a column address strobed in by CAS#, just
like for single location accesses. However, subsequent
column locations within the row may then be accessed
at the page mode cycle time. This is accomplished by
cycling CAS# while holding RAS# LOW and entering
new column addresses with each CAS# cycle. Returning
RAS# HIGH terminates the EDO-PAGE-MODE
operation.
DRAM REFRESH
The supply voltage must be maintained at the speci-
fied levels, and the refresh requirements must be met in
order to retain stored data in the DRAM. The refresh
requirements are met by refreshing all rows in the
4 Meg x 16 DRAM array at least once every 64ms (8,192
rows for N3 or 4,096 rows for R6). The recommended
procedure is to execute 4,096 CBR REFRESH cycles,
either uniformly spaced or grouped in bursts, every
64ms. The MT4LC4M16N3 internally refreshes two
rows for each CBR cycle, whereas the MT4LC4M16R6
refreshes one row for every CBR cycle. For either device,
executing 4,096 CBR cycles will refresh the entire de-
vice. The CBR REFRESH will invoke the internal refresh
counter for automatic RAS# addressing. Alternatively,
RAS#-ONLY REFRESH capability is inherently provided.
However, with this method, only one row is refreshed
on each cycle. Thus, 8,192 RAS-only REFRESH cycles are
needed every 64ms on the MT4LC4M16N3 in order to
refresh the entire device. JEDEC strongly recommends
the use of CBR REFRESH for this device.
An optional self refresh mode is also available on the
“S” version. The self refresh feature is initiated by
performing a CBR Refresh cycle and holding RAS# low
for the specified tRASS. The “S” option allows the user
the choice of a fully static, low-power data retention
mode or a dynamic refresh mode at the extended
refresh period of 128ms, or 31.25µs per cycle, when
using a distributed CBR refresh. This refresh rate can be
applied during normal operation, as well as during a
standby or battery backup mode.
The self refresh mode is terminated by driving RAS#
HIGH for a minimum time of tRPS. This delay allows for
the completion of any internal refresh cycles that may
be in process at the time of the RAS# LOW-to-HIGH
transition. If the DRAM controller uses a distributed
CBR refresh sequence, a burst refresh is not required
upon exiting self refresh, however, if the controller is
using RAS# only or burst CBR refresh then a burst
refresh using tRC (MIN) is required.
EDO PAGE MODE (continued)


Similar Part No. - MT4LC4M16N3TG-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC4M16N3TG-5 MICRON-MT4LC4M16N3TG-5 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16N3TG-5S MICRON-MT4LC4M16N3TG-5S Datasheet
413Kb / 24P
   DRAM
More results

Similar Description - MT4LC4M16N3TG-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC16M4A7 MICRON-MT4LC16M4A7 Datasheet
350Kb / 20P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com