Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LC16M4T8DJ-5 Datasheet(PDF) 8 Page - Micron Technology

Part # MT4LC16M4T8DJ-5
Description  DRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC16M4T8DJ-5 Datasheet(HTML) 8 Page - Micron Technology

Back Button MT4LC16M4T8DJ-5 Datasheet HTML 4Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 5Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 6Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 7Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 8Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 9Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 10Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 11Page - Micron Technology MT4LC16M4T8DJ-5 Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
16 Meg x 4 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D21_2.p65 – Rev. 5/00
©2000, Micron Technology, Inc.
16 MEG x 4
FPM DRAM
NOTES
1.
All voltages referenced to VSS.
2.
This parameter is sampled. VCC = +3.3V; f = 1
MHz.
3.
ICC is dependent on output loading and cycle
rates. Specified values are obtained with mini-
mum cycle time and the outputs open.
4.
Enables on-chip refresh and address counters.
5.
The minimum specifications are used only to
indicate cycle time at which proper operation
over the full temperature range is ensured.
6.
An initial pause of 100µs is required after power-
up, followed by eight RAS# refresh cycles (RAS#-
ONLY or CBR with WE# HIGH), before proper
device operation is ensured. The eight RAS# cycle
wake-ups should be repeated any time the tREF
refresh requirement is exceeded.
7.
AC characteristics assume tT = 5ns.
8.
VIH (MIN) and VIL (MAX) are reference levels for
measuring timing of input signals. Transition
times are measured between VIH and VIL (or
between VIL and VIH).
9.
In addition to meeting the transition rate
specification, all input signals must transit
between VIH and VIL (or between VIL and VIH) in a
monotonic manner.
10. If CAS# = VIH, data output is High-Z.
11. If CAS# = VIL, data output may contain data from
the last valid READ cycle.
12. Measured with a load equivalent to two TTL
gates, 100pF and VOL = 0.8V and VOH = 2V.
13. If CAS# is LOW at the falling edge of RAS#,
output data will be maintained from the previous
cycle. To initiate a new cycle and clear the data-
out buffer, CAS# must be pulsed HIGH for tCP.
14. The tRCD (MAX) limit is no longer specified.
tRCD (MAX) was specified as a reference point
only. If tRCD was greater than the specified tRCD
(MAX) limit, then access time was controlled
exclusively by tCAC (tRAC [MIN] no longer
applied). With or without the tRCD limit, tAA
and tCAC must always be met.
15. The tRAD (MAX) limit is no longer specified.
tRAD (MAX) was specified as a reference point
only. If tRAD was greater than the specified tRAD
(MAX) limit, then access time was controlled
exclusively by tAA (tRAC and tCAC no longer
applied). With or without the tRAD (MAX) limit,
tAA, tRAC, and tCAC must always be met.
16. Either tRCH or tRRH must be satisfied for a READ
cycle.
17. tOFF (MAX) defines the time at which the output
achieves the open circuit condition and is not
referenced to VOH or VOL.
18. tWCS, tRWD, tAWD, and tCWD are not
restrictive operating parameters. tWCS applies to
EARLY WRITE cycles. If tWCS > tWCS (MIN), the
cycle is an EARLY WRITE cycle and the data
output will remain an open circuit throughout
the entire cycle. tRWD, tAWD, and tCWD define
READ-MODIFY-WRITE cycles. Meeting these
limits allows for reading and disabling output
data and then applying input data. The values
shown were calculated for reference allowing
10ns for the external latching of read data and
application of write data. OE# held HIGH and
WE# taken LOW after CAS# goes LOW result in a
LATE WRITE (OE#-controlled) cycle. tWCS,
tRWD, tCWD and tAWD are not applicable in a
LATE WRITE cycle.
19. These parameters are referenced to CAS# leading
edge in EARLY WRITE cycles and WE# leading
edge in LATE WRITE or READ-MODIFY-WRITE
cycles.
20. If OE# is tied permanently LOW, LATE WRITE or
READ-MODIFY-WRITE operations are not
possible.
21. A HIDDEN REFRESH may also be performed after
a WRITE cycle. In this case, WE# = LOW and OE#
= HIGH.
22. RAS#-ONLY REFRESH requires that all 8,192 rows
of the MT4LC16M4A7 or all 4,096 rows of the
MT4LC16M4T8 be refreshed at least once every
64ms. CBR REFRESH for either device requires
that at least 4,096 cycles be completed every
64ms.
23. The DQs open during READ cycles once tOD or
tOFF occur. If CAS# goes HIGH before OE#, the
DQs will open regardless of the state of OE#. If
CAS# stays LOW while OE# is brought HIGH, the
DQs will open. If OE# is brought back LOW
(CAS# still LOW), the DQs will provide the
previously read data.
24. LATE WRITE and READ-MODIFY-WRITE cycles
must have both tOD and tOEH met (OE# HIGH
during WRITE cycle) in order to ensure that the
output buffers will be open during the WRITE
cycle. If OE# is taken back LOW while CAS#
remains LOW, the DQs will remain open.
25. Column address changed once each cycle.
26. VIH overshoot: VIH (MAX) = VCC + 2V for a pulse
width
≤ 10ns, and the pulse width cannot be
greater than one third of the cycle rate. VIL
undershoot: VIL (MIN) = -2V for a pulse width
10ns, and the pulse width cannot be greater than
one third of the cycle rate.


Similar Part No. - MT4LC16M4T8DJ-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-5 MICRON-MT4LC16M4G3DJ-5 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-5S MICRON-MT4LC16M4G3DJ-5S Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-6 MICRON-MT4LC16M4G3DJ-6 Datasheet
386Kb / 22P
   DRAM
MT4LC16M4G3DJ-6S MICRON-MT4LC16M4G3DJ-6S Datasheet
386Kb / 22P
   DRAM
More results

Similar Description - MT4LC16M4T8DJ-5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC8M8E1 MICRON-MT4LC8M8E1 Datasheet
382Kb / 20P
   DRAM
MT4LC4M4B1 MICRON-MT4LC4M4B1 Datasheet
360Kb / 20P
   DRAM
MT4LC8M8P4 MICRON-MT4LC8M8P4 Datasheet
397Kb / 22P
   DRAM
MT4LC4M16F5 MICRON-MT4LC4M16F5 Datasheet
339Kb / 19P
   DRAM
MT4LC4M16R6-1 MICRON-MT4LC4M16R6-1 Datasheet
413Kb / 24P
   DRAM
MT4LC4M16R6 MICRON-MT4LC4M16R6 Datasheet
474Kb / 24P
   DRAM
MT4LC16M4G3 MICRON-MT4LC16M4G3 Datasheet
386Kb / 22P
   DRAM
MT48LC16M4A2 MICRON-MT48LC16M4A2 Datasheet
1Mb / 55P
   SYNCHRONOUS DRAM
MT48LC1M16A1 MICRON-MT48LC1M16A1 Datasheet
1Mb / 51P
   SYNCHRONOUS DRAM
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com