Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4056DY Datasheet(PDF) 1 Page - Vishay Telefunken

Part # SI4056DY
Description  N-Channel 100 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SI4056DY Datasheet(HTML) 1 Page - Vishay Telefunken

  SI4056DY Datasheet HTML 1Page - Vishay Telefunken SI4056DY Datasheet HTML 2Page - Vishay Telefunken SI4056DY Datasheet HTML 3Page - Vishay Telefunken SI4056DY Datasheet HTML 4Page - Vishay Telefunken SI4056DY Datasheet HTML 5Page - Vishay Telefunken SI4056DY Datasheet HTML 6Page - Vishay Telefunken SI4056DY Datasheet HTML 7Page - Vishay Telefunken SI4056DY Datasheet HTML 8Page - Vishay Telefunken SI4056DY Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4056DY
New Product
Document Number: 62662
S12-1136-Rev. A, 21-May-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
N-Channel 100 V (D-S) MOSFET
FEATURES
•TrenchFET® Power MOSFET
100 % Rg and UIS Tested
Material categorization:
For
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
DC/DC Primary Side Switch
Telecom/Server
Industrial
Synchronous Rectification
Notes:
a. Based on TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. Maximum under steady state conditions is 85 °C/W.
PRODUCT SUMMARY
VDS (V)
RDS(on) () Max.
ID (A)
a
Qg (Typ.)
100
0.023 at VGS = 10 V
11.1
9.7 nC
0.024 at VGS = 7.5 V
10.8
0.031 at VGS = 4.5 V
9.5
SO-8
SD
SD
SD
GD
5
6
7
8
Top View
2
3
4
1
Ordering Information:
Si4056DY-T1-GE3 (Lead (Pb)-free and Halogen-free)
N-Channel MOSFET
G
D
S
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
11.1
A
TC = 70 °C
8.8
TA = 25 °C
7.3b, c
TA = 70 °C
5.8b, c
Pulsed Drain Current (t = 300 µs)
IDM
70
Continuous Source-Drain Diode Current
TC = 25 °C
IS
5.1
TA = 25 °C
2.2b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
15
Avalanche Energy
EAS
11.2
mJ
Maximum Power Dissipation
TC = 25 °C
PD
5.7
W
TC = 70 °C
3.6
TA = 25 °C
2.5b, c
TA = 70 °C
1.6b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 10 s
RthJA
35
50
°C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
18
22


Similar Part No. - SI4056DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4056DY VISHAY-SI4056DY Datasheet
276Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 21-May-12
logo
Guangdong Kexin Industr...
SI4056DY KEXIN-SI4056DY Datasheet
1Mb / 5P
   N-Channel MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SI4056DY DOINGTER-SI4056DY Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Guangdong Kexin Industr...
SI4056DY-HF KEXIN-SI4056DY-HF Datasheet
2Mb / 5P
   N-Channel MOSFET
logo
Vishay Siliconix
SI4056DY-T1-GE3 VISHAY-SI4056DY-T1-GE3 Datasheet
215Kb / 9P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4056DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com