Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V16M16FJ-75Z Datasheet(PDF) 5 Page - Micron Technology

Part # MT46V16M16FJ-75Z
Description  DOUBLE DATA RATE DDR SDRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V16M16FJ-75Z Datasheet(HTML) 5 Page - Micron Technology

  MT46V16M16FJ-75Z Datasheet HTML 1Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 2Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 3Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 4Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 5Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 6Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 7Page - Micron Technology MT46V16M16FJ-75Z Datasheet HTML 8Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
256Mb: x4, x8, x16 DDR333 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mx4x8x16DDR333_B.p65 – Rev. B; Pub. 10/01
©2001, Micron Technology, Inc.
256Mb: x4, x8, x16
DDR333 SDRAM Addendum
PRELIMINARY
PIN DESCRIPTIONS (continued)
BALL / PIN NUMBERS
FBGA
TSOP
SYMBOL
TYPE
DESCRIPTION
A8, B9, B7
2, 4, 5,
DQ0-2
I/O
Data Input/Output: Data bus for x16
C9, C7, D9
7, 8, 10
DQ3-5
D7, E9, E1
11, 13, 54
DQ6-8
D3, D1, C3
56, 57, 59
DQ9-11
C1, B3, B1,
60, 62, 63,
DQ12-14
A2
65
DQ15
A8, B7, C7,
2, 5, 8,
DQ0-2
I/O
Data Input/Output: Data bus for x8
D7, D3, C3,
11, 56, 59
DQ3-5
B3, A2
62, 65
DQ6-7
B7, D7, D3,
5, 11, 56
DQ0-2
I/O
Data Input/Output: Data bus for x4
B3
62
DQ2
E3
51
DQS
I/O
Data Strobe: Output with read data, input with write data. DQS is
E7, E3
16, 51
LDQS, UDQS
edge-aligned with read data, centered in write data. It is used to
capture data. For the x16 , LDQS is DQS for DQ0-DQ7 and UDQS
IS DQS for DQ8-DQ15. Pin 16 (H7) is NC on x4 and x8.
14, 17, 25,
NC
-
No Connect: These pins should be left unconnected.
43, 53
19, 50
DNU
Do Not Use: Must float to minimize noise on Vref
B2, D2, C8, 3, 9, 15, 55,
VDDQ
Supply
DQ Power Supply: +2.5V ±0.2V. Isolated on the die for improved
E8, A9
61
noise immunity.
A1, C2, E2,
6, 12, 52,
VSSQ
Supply
DQ Ground. Isolated on the die for improved noise immunity.
B8, D8
58, 64
F8, M7, A7
1, 18, 33
VDD
Supply
Power Supply: +2.5V ±0.2V.
A1, A3, F2,
34, 48, 66
VSS
Supply
Ground.
M3
F1
49
VREF
Supply
SSTL_2 reference voltage.
F9
17
A13
I
Address input A13 for 1Gb devices.


Similar Part No. - MT46V16M16FJ-75Z

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V16M16 MICRON-MT46V16M16 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V16M16 MICRON-MT46V16M16 Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V16M16FJ-75Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com