Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4LC1M16C3DJ-6S Datasheet(PDF) 3 Page - Micron Technology

Part # MT4LC1M16C3DJ-6S
Description  FPM DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC1M16C3DJ-6S Datasheet(HTML) 3 Page - Micron Technology

  MT4LC1M16C3DJ-6S Datasheet HTML 1Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 2Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 3Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 4Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 5Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 6Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 7Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 8Page - Micron Technology MT4LC1M16C3DJ-6S Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
1 Meg x 16 FPM DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D51_5V_B.p65 – Rev. B; Pub 3/01
©2001, Micron Technology, Inc.
1 MEG x 16
FPM DRAM
GENERAL DESCRIPTION (continued)
The MT4LC1M16C3 must be refreshed periodically
in order to retain stored data.
FAST PAGE MODE ACCESS
FAST-PAGE-MODE operations allow faster data op-
erations (READ, WRITE or READ-MODIFY-WRITE)
within a row-address-defined (A0-A9) page boundary.
The FAST-PAGE-MODE cycle is always initiated with a
row address strobed in by RAS#, followed by a column
address strobed in by CAS#. Additional columns may
be accessed by providing valid column addresses,
strobing CAS# and holding RAS# LOW, thus executing
faster memory cycles. Returning RAS# HIGH termi-
nates the FAST-PAGE-MODE operation.
Returning RAS# and CAS# HIGH terminates a
memory cycle and decreases chip current to a reduced
standbylevel. The chip is also preconditioned for the
next cycle during the RAS# HIGH time. Memory cell
data is retained in its correct state by maintaining power
and executing anyRAS# cycle (READ, WRITE) or RAS#
REFRESH cycle (RAS# ONLY, CBR or HIDDEN) so that
all 1,024 combinations of RAS# addresses (A0-A9) are
executed at least every 16ms (128ms on the “S” ver-
sion), regardless of sequence. The CBR REFRESH cycle
will also invoke the refresh counter and controller for
row-address control.
BYTE ACCESS CYCLE
The BYTE WRITEs and BYTE READs are determined
by the use of CASL# and CASH#. Enabling CASL# will
select a lower byte access (DQ0-DQ7), while enabling
CASH# will select an upper byte access (DQ0-DQ15).
Enabling both CASL# and CASH# selects a WORD
WRITE cycle.
The 1 Meg x 16 DRAM may be viewed as two 1 Meg x
8 DRAMs that have common input controls, with the
exception of the CAS# inputs. Figure 1 illustrates the
BYTE WRITE and WORD WRITE cycles. Figure 2 illus-
trates BYTE READ and WORD READ cycles.
Figure 1
WORD and BYTE WRITE Example
STORED
DATA
1
1
0
1
1
1
1
1
RAS#
CASL#
WE#
X = NOT EFFECTIVE (DON'T CARE)
ADDRESS 1
ADDRESS 0
0
1
0
1
0
0
0
0
WORD WRITE
LOWER BYTE WRITE
CASH#
INPUT
DATA
0
0
1
0
0
0
0
0
1
0
1
0
1
1
1
1
X
X
X
X
X
X
X
X
INPUT
DATA
1
1
0
1
1
1
1
1
INPUT
DATA
STORED
DATA
1
1
0
1
1
1
1
1
INPUT
DATA
STORED
DATA
0
0
1
0
0
0
0
0
1
0
1
0
1
1
1
1
STORED
DATA
0
0
1
0
0
0
0
0
1
0
1
0
1
1
1
1
X
X
X
X
X
X
X
X
1
0
1
0
1
1
1
1
UPPER BYTE
(DQ8-DQ15)
OF WORD
LOWER BYTE
(DQ0-DQ7)
OF WORD


Similar Part No. - MT4LC1M16C3DJ-6S

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LC1M16E5 MICRON-MT4LC1M16E5 Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-5 MICRON-MT4LC1M16E5DJ-5 Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-5S MICRON-MT4LC1M16E5DJ-5S Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-6 MICRON-MT4LC1M16E5DJ-6 Datasheet
385Kb / 24P
   EDO DRAM
MT4LC1M16E5DJ-6S MICRON-MT4LC1M16E5DJ-6S Datasheet
385Kb / 24P
   EDO DRAM
More results

Similar Description - MT4LC1M16C3DJ-6S

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
   BL FPM
logo
Advantech Co., Ltd.
UNO-PCM21 ADVANTECH-UNO-PCM21 Datasheet
83Kb / 1P
   UNO & FPM integration kit
logo
PHOENIX CONTACT
2913016 PHOENIX-2913016 Datasheet
49Kb / 2P
   Monitor - VL FPM 12U
2913021 PHOENIX-2913021 Datasheet
49Kb / 2P
   Monitor - VL FPM 19U
1261657 PHOENIX-1261657 Datasheet
205Kb / 6P
   Monitor - FPM 17.3 69K
Dec 2, 2022
2913017 PHOENIX-2913017 Datasheet
49Kb / 2P
   Monitor - VL FPM 15
2913018 PHOENIX-2913018 Datasheet
49Kb / 2P
   Monitor - VL FPM 15U
1261660 PHOENIX-1261660 Datasheet
200Kb / 5P
   Monitor - FPM 15.6 69K
Dec 2, 2022
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
   Monitor - BL FPM 21.5
logo
Advantech Co., Ltd.
UNO-PCM22 ADVANTECH-UNO-PCM22 Datasheet
83Kb / 1P
   UNO & FPM integration kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com