Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT4C1M16E5 Datasheet(PDF) 9 Page - Micron Technology

Part # MT4C1M16E5
Description  EDO DRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4C1M16E5 Datasheet(HTML) 9 Page - Micron Technology

Back Button MT4C1M16E5 Datasheet HTML 5Page - Micron Technology MT4C1M16E5 Datasheet HTML 6Page - Micron Technology MT4C1M16E5 Datasheet HTML 7Page - Micron Technology MT4C1M16E5 Datasheet HTML 8Page - Micron Technology MT4C1M16E5 Datasheet HTML 9Page - Micron Technology MT4C1M16E5 Datasheet HTML 10Page - Micron Technology MT4C1M16E5 Datasheet HTML 11Page - Micron Technology MT4C1M16E5 Datasheet HTML 12Page - Micron Technology MT4C1M16E5 Datasheet HTML 13Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
9
1 Meg x 16 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D52_B.p65 – Rev. B; Pub. 3/01
©2001, Micron Technology, Inc
16Mb: 1 MEG x16
EDO DRAM
AC ELECTRICAL CHARACTERISTICS (continued)
(Notes: 2, 3, 9, 10, 11, 12; notes appear on pages 10-11); (VCC[MIN]
£ VCC £ VCC[MAX])
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS NOTES
OE# setup prior to RAS#
tORD
0
0
ns
during HIDDEN REFRESH cycle
EDO-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
31
EDO-PAGE-MODE READ-WRITE cycle time
tPRWC
47
56
ns
31
Access time from RAS#
tRAC
50
60
ns
19
RAS# to column-address delay time
tRAD
9
12
ns
21
Row address hold time
tRAH
9
10
ns
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (EDO PAGE MODE)
tRASP
50
125,000
60
125,000
ns
RAS# pulse width during Self Refresh
tRASS
100
100
µs
Random READ or WRITE cycle time
tRC
84
104
ns
RAS# to CAS# delay time
tRCD
11
14
ns
22, 25
READ command hold time (referenced to CAS#)
tRCH
0
0
ns
23, 27
READ command setup time
tRCS
0
0
ns
25
Refresh period (1,024 cycles)
tREF
16
16
ms
Refresh period (1,024 cycles) S version
tREF
128
128
ms
RAS# precharge time
tRP
30
40
ns
RAS# to CAS# precharge time
tRPC
5
5
ns
RAS# precharge time exiting Self Refresh
tRPS
90
105
ns
READ command hold time (referenced to RAS#)
tRRH
0
0
ns
23
RAS# hold time
tRSH
13
15
ns
32
READ-WRITE cycle time
tRWC
116
140
ns
RAS# to WE# delay time
tRWD
67
79
ns
13
WRITE command to RAS# lead time
tRWL
13
15
ns
Transition time (rise or fall)
tT2
50
2
50
ns
WRITE command hold time
tWCH
8
10
ns
32
WRITE command hold time (referenced to RAS#)
tWCR
38
45
ns
WE# command setup time
tWCS
0
0
ns
13, 25
Output disable delay from WE#
tWHZ
0
12
0
15
ns
WRITE command pulse width
tWP
5
5
ns
WE# pulse to disable at CAS# HIGH
tWPZ
10
10
ns
WE# hold time (CBR Refresh)
tWRH
8
10
ns
WE# setup time (CBR Refresh)
tWRP
8
10
ns


Similar Part No. - MT4C1M16E5

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C1M16C3 MICRON-MT4C1M16C3 Datasheet
466Kb / 22P
   FPM DRAM
MT4C1M16C3DJ-6 MICRON-MT4C1M16C3DJ-6 Datasheet
466Kb / 22P
   FPM DRAM
MT4C1M16C3TG-6 MICRON-MT4C1M16C3TG-6 Datasheet
466Kb / 22P
   FPM DRAM
More results

Similar Description - MT4C1M16E5

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C256K16E0 ALSC-AS4C256K16E0 Datasheet
644Kb / 24P
   5V 256Kx16 CMOS DRAM (EDO)
logo
Hynix Semiconductor
HY51VS18163HG HYNIX-HY51VS18163HG Datasheet
107Kb / 12P
   1M x 16Bit EDO DRAM
HY51VS65163HG HYNIX-HY51VS65163HG Datasheet
96Kb / 11P
   4M x 16Bit EDO DRAM
HY51VS17403HG HYNIX-HY51VS17403HG Datasheet
96Kb / 11P
   4M x 4Bit EDO DRAM
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
logo
List of Unclassifed Man...
UT51C164 ETC1-UT51C164 Datasheet
277Kb / 26P
   256K X 16 BIT EDO DRAM
logo
Integrated Silicon Solu...
IS41C16256C ISSI-IS41C16256C Datasheet
475Kb / 22P
   4Mb DRAM WITH EDO PAGE MODE
logo
Micron Technology
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
logo
Siemens Semiconductor G...
HYB514175BJ-50- SIEMENS-HYB514175BJ-50- Datasheet
177Kb / 22P
   256k x 16-Bit EDO-DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com