Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT46V16M16TG-75Z Datasheet(PDF) 6 Page - Micron Technology

Part # MT46V16M16TG-75Z
Description  DOUBLE DATA RATE DDR SDRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46V16M16TG-75Z Datasheet(HTML) 6 Page - Micron Technology

  MT46V16M16TG-75Z Datasheet HTML 1Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 2Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 3Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 4Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 5Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 6Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 7Page - Micron Technology MT46V16M16TG-75Z Datasheet HTML 8Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
256Mb: x4, x8, x16 DDR333 SDRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
256Mx4x8x16DDR333_B.p65 – Rev. B; Pub. 10/01
©2001, Micron Technology, Inc.
256Mb: x4, x8, x16
DDR333 SDRAM Addendum
PRELIMINARY
GENERAL DESCRIPTION
The DDR333 SDRAM is a high-speed CMOS, dy-
namic random-access memory that operates at a fre-
quency of 167 MHz (tCK=6ns) with a peak data trans-
fer rate of 333Mb/s/p. DDR333 continues to use the
JEDEC standard SSTL_2 interface and the 2n-prefetch
architecture.
The standard DDR200/DDR266 data sheets also
pertain to the DDR333 device and should be referenced
for a complete description of DDR SDRAM function-
ality and operating modes. However, to meet the faster
DDR333 operating frequencies, some of the AC timing
parameters are slightly tighter. This addendum data
sheet will concentrate on the key differences required
to support the enhanced speeds.
In addition to the standard 66-pin TSOP package,
a 60-ball FBGA package is utilized for DDR333. This
JEDEC-defined package promotes better package para-
sitic parameters and a smaller footprint.
CAPACITANCE (TSOP)
(Notes: 1-5, 14-17, 33; notes appear in DDR200/266 data sheets)
(0°C
≤ T
A ≤ 70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Delta Input/Output Capacitance:
DQs, DQS, DM (for x4 or x8 devices)
DCIO
0.50
pF
13, 24
DQ0-DQ7, LDQS, LDM (for lower byte of x16 devices),
DCIO
0.50
pF
13, 24
DQ8-DQ15, UDQS, UDM (for upper byte of x16 devices)
DCIO
0.50
pF
13, 24
Delta Input Capacitance: Command and Address
DCI1
0.50
pF
13, 29
Delta Input Capacitance: CK, CK#
DCI2
0.25
p F
13, 29
Input/Output Capacitance: DQs, DQS, DM (LDQS, LDM, UDM)
CIO
4.0
5.0
pF
13
Input Capacitance: Command and Address
CI1
2.0
3.0
pF
13
Input Capacitance: CK, CK#
CI2
2.0
3.0
p F
13
Input Capacitance: CKE
CI3
2.0
3.0
pF
13
CAPACITANCE (FBGA)
(Notes: 1-5, 14-17, 33; notes appear in DDR200/266 data sheets)
(0°C
≤ T
A ≤ 70°C; VDDQ = +2.5V ±0.2V, VDD = +2.5V ±0.2V)
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
Delta Input/Output Capacitance:
DQs, DQS, DM (for x4 or x8 devices)
DCIO
0.50
pF
13, 24
DQ0-DQ7, LDQS, LDM (for lower byte of x16 devices),
DCIO
0.50
pF
13, 24
DQ8-DQ15, UDQS, UDM (for upper byte of x16 devices)
DCIO
0.50
pF
13, 29
Delta Input Capacitance: Command and Address
DCI1
0.50
pF
13, 29
Delta Input Capacitance: CK, CK#
DCI2
0.25
p F
13, 29
Input/Output Capacitance: DQs, DQS, DM (LDQS, LDM, UDM)
CIO
3.50
4.00
pF
13
Input Capacitance: Command and Address
CI1
1.50
2.50
pF
13
Input Capacitance: CK, CK#
CI2
1.50
2.50
p F
13
Input Capacitance: CKE
CI3
1.50
2.50
pF
13


Similar Part No. - MT46V16M16TG-75Z

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46V16M16 MICRON-MT46V16M16 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V16M16 MICRON-MT46V16M16 Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
MT46V16M16CV-6ITK MICRON-MT46V16M16CV-6ITK Datasheet
4Mb / 91P
   256Mb: x4, x8, x16 DDR SDRAM Features
More results

Similar Description - MT46V16M16TG-75Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V2M32V1 MICRON-MT46V2M32V1 Datasheet
2Mb / 65P
   DOUBLE DATA RATE DDR SDRAM
MT46V256M4 MICRON-MT46V256M4 Datasheet
2Mb / 74P
   DOUBLE DATA RATE (DDR) SDRAM
MT46V16M8 MICRON-MT46V16M8 Datasheet
166Kb / 9P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com